Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC220-YA2E Datasheet(Fiches technique) 99 Page - Nuvoton Technology Corporation

Numéro de pièce NUC220-YA2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 99 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 99 of 107
Rev 1.01
8.4.6
Temperature Sensor Specification
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operation Voltage
[1]
2.5
-
5.5
V
Operation Temperature
-40
-
85
Current Consumption
6.4
-
10.5
μA
Gain
-1.76
mV/℃
Offset Voltage
Temp=0 ℃
720
mV
Note: Internal operation voltage comes from internal LDO.
8.4.7
Comparator Specification
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation Voltage AVDD
-
2.5
5.5
V
Operation Temperature
-
-40
25
85
Operation Current
VDD=3.0 V
-
20
40
μA
Input Offset Voltage
-
-
5
15
mV
Output Swing
-
0.1
-
VDD-0.1
V
Input Common Mode Range
-
0.1
-
VDD-1.2
V
DC Gain
-
-
70
-
dB
Propagation Delay
VCM=1.2 V and
VDIFF=0.1 V
-
200
-
ns
Comparison Voltage
20 mV at VCM=1 V
50 mV at VCM=0.1 V
50 mV at VCM=VDD-1.2
10 mV for non-hysteresis
10
20
-
mV
Hysteresis
VCM=0.4 V ~ VDD-1.2 V
-
±10
-
mV
Wake-up Time
CINP=1.3 V
CINN=1.2 V
-
-
2
μs




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl