Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC220-YA2E Datasheet(Fiches technique) 90 Page - Nuvoton Technology Corporation

Numéro de pièce NUC220-YA2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 90 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 90 of 107
Rev 1.01
8
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
8.1
SYMBOL
PARAMETER
MIN.
MAX
UNIT
DC Power Supply
VDDVSS
-0.3
+7.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Oscillator Frequency
1/tCLCL
4
24
MHz
Operating Temperature
TA
-40
+85
C
Storage Temperature
TST
-55
+150
C
Maximum Current into VDD
-
120
mA
Maximum Current out of VSS
120
mA
Maximum Current sunk by a I/O pin
35
mA
Maximum Current sourced by a I/O pin
35
mA
Maximum Current sunk by total I/O pins
100
mA
Maximum Current sourced by total I/O pins
100
mA
Note: Exposure to conditions beyond those listed under absolute maximum ratings may adversely affects the lift and reliability
of the device.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl