Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC220-YA2E Datasheet(Fiches technique) 72 Page - Nuvoton Technology Corporation

Numéro de pièce NUC220-YA2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 72 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 72 of 107
Rev 1.01
So the maximum capture frequency will be 1/900ns = 1000 kHz
6.9.2
Features
PWM Function:
6.9.2.1
Up to 2 PWM groups (PWMA/PWMB) to support 8 PWM channels or 4
complementary PWM paired channels
Each PWM group has two PWM generators with each PWM generator supporting one
8-bit prescaler, two clock divider, two PWM-timers, one Dead-zone generator and two
PWM outputs.
Up to 16-bit resolution
PWM Interrupt request synchronized with PWM period
One-shot or Auto-reload mode PWM
Edge-aligned type or Center-aligned type option
Capture Function:
6.9.2.2
Timing control logic shared with PWM Generators
Supports 8 Capture input channels shared with 8 PWM output channels
Each channel supports one rising latch register (CRLR), one falling latch register
(CFLR) and Capture interrupt flag (CAPIFx)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl