Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC120-YA3E Datasheet(Fiches technique) 11 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-YA3E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 11 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 11 -
Revision V2.03
• ADC
12-bit SAR ADC with 600K SPS
Up to 8-ch single-end input or 4-ch differential input
Single scan/single cycle scan/continuous scan
Each channel with individual result register
Scan on enabled channels
Threshold voltage detection
Conversion start by software programming or external input
Support PDMA mode
• Analog Comparator
Up to two analog comparators
External input or internal bandgap voltage selectable at negative node
Interrupt when compare result change
Power down wake-up
• One built-in temperature sensor with 1℃ resolution
• Brown-Out detector
With 4 levels: 4.5 V/3.8 V/2.7 V/2.2 V
Support Brown-Out Interrupt and Reset option
• Low Voltage Reset
Threshold voltage levels: 2.0 V
• Operating Temperature: -40℃~85℃
• Packages:
All Green package (RoHS)
LQFP 100-pin / 64-pin / 48-pin (100-pin for NuMicro
™ NUC100/NUC120 Medium
Density Only)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl