Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC120-YA3E Datasheet(Fiches technique) 7 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-YA3E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 7 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 7 -
Revision V2.03
1
GENERAL DESCRIPTION
The NuMicro
™ NUC100 Series is 32-bit microcontrollers with embedded ARM® Cortex™-M0 core
for industrial control and applications which need rich communication interfaces. The Cortex™-M0
is the newest ARM
® embedded processor with 32-bit performance and at a cost equivalent to
traditional 8-bit microcontroller. NuMicro
™ NUC100 Series includes NUC100, NUC120, NUC130
and NUC140 product line.
The NuMicro
™ NUC120 USB Line with USB 2.0 full-speed function embeds Cortex™-M0 core
running up to 50 MHz with 32K/64K/128K-byte embedded flash, 4K/8K/16K-byte embedded
SRAM, and 4K-byte loader ROM for the ISP. It also equips with plenty of peripheral devices, such
as Timers, Watchdog Timer, RTC, PDMA, UART, SPI, I
2C, I2S, PWM Timer, GPIO, PS/2, USB
2.0 FS Device, 12-bit ADC, Analog Comparator, Low Voltage Reset Controller and Brown-Out
Detector.
Product Line
UART
SPI
I
2C
USB
LIN
CAN
PS/2
I
2S
NUC100
NUC120
NUC130
NUC140
Table 1-1 Connectivity Supported Table




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl