Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-YA3E Fiches technique(PDF) 63 Page - Nuvoton Technology Corporation

No de pièce NUC120-YA3E
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-YA3E Fiches technique(HTML) 63 Page - Nuvoton Technology Corporation

Back Button NUC120-YA3E Datasheet HTML 59Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 60Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 61Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 62Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 63Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 64Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 65Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 66Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 67Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 63 -
Revision V2.03
SPECIFICATION
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Input High Voltage PA, PB,
PC, PD, PE (Schmitt input)
IH2
0.4 DD
DD
.5
V
V
-
V +0
V
Hysteresis voltage of PA~PE
(Schmitt input)
VHY
0.2 VDD
V
0
-
0.8
VDD = 4.5 V
Input Low Voltage XT1
[*2]
VIL3
0
-
0.4
V
VDD = 3.0 V
3.5
-
V
+
DD
0.2
V
V
= 5.5 V
DD
Input High Voltage XT1
[*2]
IH3
2.4
-
VDD
+0.2
V
VDD = 3.0 V
Input Low Voltage X32I
[*2]
0
VIL4
0
-
.4
V
Input High Voltage X32I
[*2]
VIH4
1.7
2.5
V
Negative going threshold
(Schmitt input), /RESET
-0
0.3 DD
VILS
.5
-
V
V
Positive going threshold
(Schmitt input), /RESET
0.7 DD
VDD .5
VIHS
V
-
+0
V
ISR11
-300
-
-450
370
μA VDD = 4.5 V, VS = 2.4 V
ISR12
-50
-70
-90
μA VDD = 2.7 V, VS = 2.2 V
Source Current PA, PB, PC,
ctional
ISR13
-40
-60
-80
μA
PD, PE (Quasi-bidire
Mode)
VDD = 2.5 V, VS = 2.0 V
ISR21
-20
-24
-28
mA VDD = 4.5 V, VS = 2.4 V
I 22
-4
-6
-8
mA VDD = 2.7 V, VS = 2.2 V
SR
Source Current PA, PB, PC
PD, PE (Push-pull Mode)
,
ISR23
-3
-5
-7
mA VDD = 2.5 V, VS = 2.0 V
ISK11
10
16
20
mA VDD = 4.5 V, VS = 0.45 V
I
1
0.45 V
SK12
7
0
13
mA VDD = 2.7 V, VS =
Sink Current PA, PB, PC, PD,
PE (Quasi-bidirectional and
Push-pull Mode)
ISK13
6
9
12
mA VDD = 2.5 V, VS = 0.45 V
Brown-Out voltage with
BOV_VL [1:0] =00b
VBO2.2
2
2.1
.2
2.3
V
Brown-Out voltage with
BOV_VL [1:0] =01b
V
2
BO2.7
2.6
.7
2.8
V
Brown-Out voltage with
BOV_VL [1:0] =10b
VBO3.8
3.6
3.8
V
4.0
Brown-Out voltage with
BOV_VL [1:0] =11b
VBO4.5
4
V
4.3
.5
4.7
Hysteresis range of BOD
voltage
VBH
30
-
150
m
DD = 2.5 V~5.5 V
V V


Numéro de pièce similaire - NUC120-YA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-YA3E NUVOTON-NUC120-YA3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-YA3E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com