Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-YA3E Fiches technique(PDF) 46 Page - Nuvoton Technology Corporation

No de pièce NUC120-YA3E
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-YA3E Fiches technique(HTML) 46 Page - Nuvoton Technology Corporation

Back Button NUC120-YA3E Datasheet HTML 42Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 43Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 44Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 45Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 46Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 47Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 48Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 49Page - Nuvoton Technology Corporation NUC120-YA3E Datasheet HTML 50Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 46 -
Revision V2.03
Timer Controller (TMR)
ler includes four 32-bit timers, TIMER0~TIMER3, which allows user to easily
5.10
Provides one-shot, periodic, toggle and continuous counting operation modes (NuMicro
C120 Medium Density only support one-shot and periodic mode)
-bit TCMP)
er clock
R (Timer Data Register)
to count the event from external pin (NuMicro
5.10
5.10.1 Overview
The timer control
implement a timer control for applications. The timer can perform functions like frequency
measurement, event counting, interval measurement, clock generation, delay timing, and so on.
The timer can generates an interrupt signal upon timeout, or provide the current value during
operation. Note: toggle mode, continuous counting mode and event counting function only
support in NuMicro
™ NUC100/NUC120 Low Density.
.2 Features
4 sets of 32-bit timers with 24-bit up-timer and one 8-bit pre-scale counter
Independent clock source for each timer
NUC100/NU
Time out period = (Period of timer clock input) * (8-bit pre-scale counter + 1) * (24
Maximum counting cycle time = (1 / T MHz) * (2
8) * (224), T is the period of tim
24-bit timer value is readable through TD
Support event counting function
NUC100/NUC120 Low Density only)


Numéro de pièce similaire - NUC120-YA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-YA3E NUVOTON-NUC120-YA3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-YA3E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com