Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC120-YA3E Datasheet(Fiches technique) 34 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-YA3E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 34 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 34 -
Revision V2.03
5.3.2
Clock Generator
The clock generator consists of 5 clock sources which are listed below:
One external 32.768 kHz low speed crystal
One external 4~24 MHz high speed crystal
One programmable PLL FOUT(PLL source consists of external 4~24 MHz high speed
crystal and internal 22.1184 MHz high speed oscillator)
One internal 22.1184 MHz high speed oscillator
One internal 10 kHz low speed oscillator
XT_OUT
External
4~24 MHz
Crystal
XTL12M_EN (PWRCON[0])
XT_IN
Internal
22.1184 MHz
Oscillator
OSC22M_EN (PWRCON[2])
0
1
PLL
PLL_SRC (PLLCON[19])
PLL FOUT
X32O
External
32.768 kHz
Crystal
32.768 kHz
XTL32K_EN (PWRCON[1])
X32I
Internal
10 kHz
Oscillator
OSC10K_EN(PWRCON[3])
4~24 MHz
22.1184 MHz
10 kHz
Figure 5-4 Clock generator block diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl