Moteur de recherche de fiches techniques de composants électroniques |
|
NUC130-RE2E Fiches technique(PDF) 58 Page - Nuvoton Technology Corporation |
|
NUC130-RE2E Fiches technique(HTML) 58 Page - Nuvoton Technology Corporation |
58 / 89 page NuMicro ™ NUC120 Data Sheet Publication Release Date: Jan. 2, 2012 - 58 - Revision V2.03 ER (FMC) t can be updated through ISP procedure. In System Programming data before chip power off. For 128K bytes APROM device, the ared with original 128K program memory and its start address is configurable and 4K/32K bytes APROM device, the data flash 6.2 address read access emory (APROM) (NuMicro ™ NUC100/NUC120 Low date on chip Flash 6 FLASH MEMORY CONTROLL 6.1 Overview NuMicro ™ NUC100 Series equips with 128/64/32K bytes on chip embedded Flash for application program memory (APROM) tha (ISP) function enables user to update program memory when chip is soldered on PCB. After chip power on, Cortex-M0 CPU fetches code from APROM or LDROM decided by boot select (CBS) in Config0. By the way, NuMicro ™ NUC100 Series also provides additional DATA Flash for user, to store some application dependent data flash is sh defined by user application request in Config1. For 6 is fixed at 4K. Features Run up to 50 MHz with zero wait state for continuous 128/64/32KB application program m Density only support up to 64KB size) 4KB in system programming (ISP) loader program memory (LDROM) Configurable or fixed 4KB data flash with 512 bytes page erase unit Programmable data flash start address for 128K APROM device In System Program (ISP) to up |
Numéro de pièce similaire - NUC130-RE2E |
|
Description similaire - NUC130-RE2E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |