Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9112A Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 7Page - STMicroelectronics TDA9112A Datasheet HTML 8Page - STMicroelectronics TDA9112A Datasheet HTML 9Page - STMicroelectronics TDA9112A Datasheet HTML 10Page - STMicroelectronics TDA9112A Datasheet HTML 11Page - STMicroelectronics TDA9112A Datasheet HTML 12Page - STMicroelectronics TDA9112A Datasheet HTML 13Page - STMicroelectronics TDA9112A Datasheet HTML 14Page - STMicroelectronics TDA9112A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
TDA9112A
11/60
Notes about horizontal section
Note 1: Frequency at no sync signal condition. For correct operation, the frequency of the sync signal applied must
always be higher than the free-running frequency. The application must consider the spread of values of real
electrical components in RRO and CCO positions so as to always meet this condition. The formula to calculate
the free-running frequency is fHO(0)=0.122/(RRO CCO)
Note 2: Base of NPN transistor with emitter to ground is internally connected on pin HFly through a series resistance of
about 500
Ω and a resistance to ground of about 20kΩ.
Note 3: Evaluated and figured out during the device qualification phase. Informative. Not tested on every single unit.
Note 4: This capture range can be enlarged by external circuitry.
Note 5: The voltage on HPLL2C pin corresponds to immediate phase of leading edge of H-drive signal on HOut pin with
respect to internal horizontal oscillator sawtooth. It must be between the two clamping levels given. Voltage
equal to one of the clamping values indicates a marginal operation of PLL2 or non-locked state.
Note 6: Internal threshold. See Figure 6.
Note 7: The tph(min) parameter is fixed by the application. For correct operation of asymmetry corrections through
dynamic phase modulation, this minimum must be increased by maximum of the total dynamic phase required
in the direction leading to bending of corners to the left. Marginal situation is indicated by reach of VTopHPLL2C
high clamping level by waveform on pin HPLL2C. Also refer to Note 5 and Figure 6.
Picture geometry corrections through PLL1 & PLL2
tHph
Hor. VCO phase vs. sync signal (via
PLL1), see Figure 7
HPOS (Sad01h):
11111111b
10000000b
00000000b
+11
0
-11
%
%
%
tPCAC
Contribution of pin cushion asymmetry
correction to phase of H-drive vs. static
phase (via PLL2), measured in corners
PCAC (Sad11h) full span
(9)
VPOS at medium
VSIZE at minimum
VSIZE at medium
VSIZE at maximum
±0.9
±1.6
±2.6
%
%
%
tParalC
Contribution of parallelogram correction
to phase of H-drive vs. static phase (via
PLL2), measured in corners
PARAL (Sad12h) full span
(9)
VPOS at medium
VSIZE at minimum
VSIZE at medium
VSIZE at maximum
±1.4
±1.9
±2.4
%
%
%
tTCAC
Contribution of top corner asymmetry
correction to phase of H-drive vs. static
phase (via PLL2), measured in corners
TCAC (Sad13h) full span
(9)
VPOS at medium
VSIZE at minimum
VSIZE at medium
VSIZE at maximum
±0.4
±1.4
±3.5
%
%
%
tBCAC
Contribution of bottom corner asymmetry
correction to phase of H-drive vs. static
phase (via PLL2), measured in corners
BCAC (Sad14h) full span
(9)
VPOS at medium
VSIZE at minimum
VSIZE at medium
VSIZE at maximum
±0.4
±1.4
±3.5
%
%
%
Table 1. Horizontal section
( Vcc = 12V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
/TH
/TH
/TH
/TH
/TH


Numéro de pièce similaire - TDA9112A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
More results

Description similaire - TDA9112A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STV6889 STMICROELECTRONICS-STV6889 Datasheet
1Mb / 56P
   HIGH-END I짼C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
August 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com