Moteur de recherche de fiches techniques de composants électroniques |
|
NUC140-LB2E Fiches technique(PDF) 9 Page - Nuvoton Technology Corporation |
|
NUC140-LB2E Fiches technique(HTML) 9 Page - Nuvoton Technology Corporation |
9 / 89 page NuMicro ™ NUC120 Data Sheet Publication Release Date: Jan. 2, 2012 - 9 - Revision V2.03 – TTL/Schmitt trigger input selectable – I/O pin can be configured as interrupt source with edge/level setting – High driver and high sink IO mode support • Timer – Support 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit pre-scale counter – Independent clock source for each timer – Provides one-shot, periodic, toggle and continuous counting operation modes (NuMicro ™ NUC100/NUC120 Medium Density only support one-shot and periodic mode) – Support event counting function (NuMicro ™ NUC100/NUC120 Low Density only) • Watchdog Timer – Multiple clock sources – 8 selectable time out period from 1.6ms ~ 26.0sec (depends on clock source) – WDT can wake-up from power down or idle mode – Interrupt or reset selectable on watchdog time-out • RTC – Support software compensation by setting frequency compensate register (FCR) – Support RTC counter (second, minute, hour) and calendar counter (day, month, year) – Support Alarm registers (second, minute, hour, day, month, year) – Selectable 12-hour or 24-hour mode – Automatic leap year recognition – Support periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, 1/2 and 1 second – Support wake-up function • PWM/Capture – Built-in up to four 16-bit PWM generators provide eight PWM outputs or four complementary paired PWM outputs – Each PWM generator equipped with one clock source selector, one clock divider, one 8-bit prescaler and one Dead-Zone generator for complementary paired PWM – Up to eight 16-bit digital Capture timers (shared with PWM timers) provide eight rising/falling capture inputs – Support Capture interrupt • UART – Up to three UART controllers (NuMicro ™ NUC100/NUC120 Low Density only support 2 UART controllers) – UART ports with flow control (TXD, RXD, CTS and RTS) – UART0 with 63-byte FIFO is for high speed – UART1/2(optional) with 15-byte FIFO for standard device – Support IrDA (SIR) function – Support RS-485 9-bit mode and direction control. (NuMicro ™ NUC100/NUC120 Low Density Only) – Programmable baud-rate generator up to 1/16 system clock – Support PDMA mode • SPI – Up to four sets of SPI controller (NuMicro ™ NUC100/NUC120 Low Density only support 2 SPI controllers) – Master up to 16 MHz, and Slave up to 10 MHz (chip working @ 5V) – Support SPI master/slave mode |
Numéro de pièce similaire - NUC140-LB2E |
|
Description similaire - NUC140-LB2E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |