Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-LB1E Fiches technique(PDF) 82 Page - Nuvoton Technology Corporation

No de pièce NUC230-LB1E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-LB1E Fiches technique(HTML) 82 Page - Nuvoton Technology Corporation

Back Button NUC230-LB1E Datasheet HTML 78Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 79Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 80Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 81Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 82Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 83Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 84Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 85Page - Nuvoton Technology Corporation NUC230-LB1E Datasheet HTML 86Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 82 of 107
Rev 1.01
I
2C Serial Interface Controller (I2C)
6.17
6.17.1
Overview
I
2C is a two-wire, bidirectional serial bus that provides a simple and efficient method of data
exchange between devices. The I
2C standard is a true multi-master bus including collision
detection and arbitration that prevents data corruption if two or more masters attempt to control
the bus simultaneously.
Data is transferred between a Master and a Slave. Data bits transfer on the SCL and SDA lines
are synchronously on a byte-by-byte basis. Each data byte is 8-bit long. There is one SCL clock
pulse for each data bit with the MSB being transmitted first, and an acknowledge bit follows each
transferred byte. Each bit is sampled during the high period of SCL; therefore, the SDA line may
be changed only during the low period of SCL and must be held stable during the high period of
SCL. A transition on the SDA line while SCL is high is interpreted as a command (START or
STOP). Please refer to Figure 6-17 for more detailed I
2C BUS Timing.
tBUF
STOP
SDA
SCL
START
tHD;STA
tLOW
tHD;DAT
tHIGH
tf
tSU;DAT
Repeated
START
tSU;STA
tSU;STO
STOP
tr
Figure 6-17 I
2C Bus Timing
The device’s on-chip I2C logic provides a serial interface that meets the I2C bus standard mode
specification. The I
2C port handles byte transfers autonomously. To enable this port, the bit ENS1
in I2CON should be set to '1'. The I
2C hardware interfaces to the I2C bus via two pins: SDA and
SCL. Pull-up resistor is needed for I
2C operation as the SDA and SCL are open drain pins. When
I/O pins are used as I
2C ports, user must set the pins function to I2C in advance.


Numéro de pièce similaire - NUC230-LB1E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-LC1C NUVOTON-NUC230-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1E NUVOTON-NUC230-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1N NUVOTON-NUC230-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-LB1E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com