Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC140-VE1E Datasheet(Fiches technique) 31 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-VE1E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 31 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 31 -
Revision V2.03
5.2.6.2
Vector Table
When any
the processor will automatically fetch the starting address of the
interrupt serv
(ISR) from a vector table in memory. For ARMv6-M, the vector table base
address is fixed at 0x0000
vector table
tialization value for the stack
pointer on reset, and the entry point addresses for all exception handlers. The vector number on
previous page defines the o
tries
v
ciated with exception handler
entry as illustrated in previo
interrupts is accepted,
ice routine
0000. The
contains the ini
rder of en
in the ector table asso
us section.
Ve
Table Wo
ffset
ctor
rd O
Description
0
S
he M
ck
P_main – T
ain sta
pointer
Vector Num
E
try P
usi
umber
ber
xception En
ointer
ng that Vector N
Table 5-4 V
ab
5.2.6.3
NVIC interrupts can be enabled and disabled by writing to their corresponding Interrupt Set-
Enable or Interrupt Clear-En
er
s use a write-1-to-enable and write-
1-to-clear policy, both regis
g
nabled state of the corresponding
interrupts. When
interrup
ed
t
cause the interrupt to become
Pending, however, the inter
t
I
upt is Active when it is disabled, it
remains in its Active state until cleared by reset or an exception return. Clearing the enable bit
prevents new activations of t
NVIC interrupts can be pend
ded
a
y pair of registers to those used
to enable/disable the interru
d the Se
res
tively. The registers
te-1
b
rs
rea
back the current
te of the c
nterrupts. The Clear-Pending
Regi
as no effect on the execut
status of an A
.
NVIC interrupts are prioritized by updating an 8-bi
gister (each register
sup
g four interrupts).
The general registers associated with the NVIC are
m a block of memory in the
System Control Space and w
ribed
xt
ector T le Format
Operation Description
able regist
bit-field. The register
ters readin
t is disabl
back the
, interrup
current e
assertion will
an
rupt will no activate. f an interr
he associated interrupt.
ed/un-pen
using
complementar
pts, name
use a wri
t-Pe
-to-ena
nding Register and Clear-Pending Register
le and write-1-to-clear policy, both registe
pec
ding
ster h
pended sta
ion
orresponding i
ctive interrupt
t field within a 32-bit re
portin
all accessible fro
ill be desc
in ne section.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl