Moteur de recherche de fiches techniques de composants électroniques |
|
NUC140-VA1E Fiches technique(PDF) 80 Page - Nuvoton Technology Corporation |
|
NUC140-VA1E Fiches technique(HTML) 80 Page - Nuvoton Technology Corporation |
80 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 80 of 107 Rev 1.01 Smart Card Host Interface (SC) 6.15 6.15.1 Overview The Smart Card Interface controller (SC controller) is based on ISO/IEC 7816-3 standard and fully compliant with PC/SC Specifications. It also provides status of card insertion/removal. 6.15.2 Features ISO7816-3 T=0, T=1 compliant EMV2000 compliant Supports up to three ISO7816-3 ports Separates receive/ transmit 4 byte entry buffer for data payloads Programmable transmission clock frequency Programmable receiver buffer trigger level Programmable guard time selection (11 ETU ~ 266 ETU) One 24-bit and two 8-bit time-out counters for Answer to Request (ATR) and waiting times processing Supports auto inverse convention function Supports transmitter and receiver error retry and error retry number limitation function Supports hardware activation sequence process Supports hardware warm reset sequence process Supports hardware deactivation sequence process Supports hardware auto deactivation sequence when detecting the card removal |
Numéro de pièce similaire - NUC140-VA1E |
|
Description similaire - NUC140-VA1E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |