Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM6580 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce DM6580
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM6580 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM6580 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
6
Preliminary
Version: DM562P-DS-P02
February 28, 2001
according to the rising edge of SCLK. The MSB is
sent immediately after the falling edge of the
FR_SP1 signal.
49
47
49
47
CA16
CA17
O
Bank Switch Control:
These signals are used to switch external program
memory between banks.
CA16
CA17
Bank 0
0
0
Bank 1
1
0
Bank 2
0
1
Bank 3
1
1
51
T0
I
Controller Counter 0 Input
52
T1
I
Controller Counter 1 Input
57
/RI
I
Ring Signal Input
57
TxSCLK*2
I
TxDSP Interrupt 1 Input (PCI)
58
58
/DTR
I
DTR Input Pin (P1.1)
59
59
/OH
O
Hook Relay Control (P1.2)
60
60
/VOICE
O
Voice Relay Control. Modem Control Output
(memory map is bit 3 of DAA at memory address
D000H)
61-63
61-63
EEPROM 1-3
I/O
EEPROM Control Pins (P1.4-P1.6)
66
/LCS
I
Loop Current Detection. Modem Input Control:
This pin is mapped to bit0 of address D000H.
66
SCLK
I
Reference Clock For Serial Port 1 And Serial
Port 2 (PCI)
68
RXD
I
Controller Serial Port Data Input
69
TXD
O
Controller Serial Port Data Output
68
RD_SP2
I
Data Input Pin Of The Serial Port 2 (PCI)
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP2 signal.
69
RD_SP1
I
Data Input Pin Of The Serial Port 1 (PCI)
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP1 signal.
70
70
RxSCLK
I
Rx DSP Interrupt 3 Input
71
71
/PSEN
O
Controller Program Store Enable:
This output goes low during a fetch from external
program memory.
72
72
/WR
O
Controller External Data Memory Write Control
73
73
/RD
O
Controller External Data Memory Read Control
76
TxSCLK*2
I
TxDSP Interrupt 3 Input (External)
78
DSPRxD
O
Modem Received Data (External)
Shifted out to the EIA port through this pin
according to the rising edge of RXDCLK.
79
SCLK
I
Reference Clock For Serial Port 1 And Serial
Port 2 (External)
117
117
TEST1
Test pin 1, normal ground


Numéro de pièce similaire - DM6580

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM6580 ETC1-DM6580 Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
DM6580E ETC1-DM6580E Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
Davicom Semiconductor, ...
DM6580E DAVICOM-DM6580E Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM6580L ETC1-DM6580L Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
More results

Description similaire - DM6580

FabricantNo de pièceFiches techniqueDescription
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
DM560P ETC1-DM560P Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone
logo
List of Unclassifed Man...
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com