Moteur de recherche de fiches techniques de composants électroniques |
|
NUC140-LD1E Fiches technique(PDF) 50 Page - Nuvoton Technology Corporation |
|
NUC140-LD1E Fiches technique(HTML) 50 Page - Nuvoton Technology Corporation |
50 / 89 page NuMicro ™ NUC120 Data Sheet Publication Release Date: Jan. 2, 2012 - 50 - Revision V2.03 System clock = Internal 22.1184 MHz high speed oscillator Mode0 Mode1 Mode2 Baud rate Parameter Register Parameter Register Parameter Register 921600 x x A=0,B=11 0x2B00_0000 A=22 0x3000_0016 460800 A=1 0x0000_0001 A=2,B=11 0x2B00 A=1,B=15 0x2F00_0001 _0002 A=46 0x3000_002E 230400 A=4 0x0000_0004 A= A= 4,B=15 6,B=11 0x2F00_0004 0x2B00_0006 A=94 0x3000_005E 115200 A=10 0x0000_000A A=10,B=15 A=14,B=11 0x2F00_000A 0x2B00_000E A=190 0x3000_00BE 57600 A=22 0x0000_0016 A=22,B=15 0x2F00_0016 A=382 0x30 A=30,B=11 0x2B00_001E 00_017E 38400 A=34 0x0000_0022 A=62,B=8 A=46,B=11 A=34,B=15 0x2800_003E 0x2B00_002E 0x2F00_0022 A=574 0x3000_023E 19200 A=70 0x0000_0046 A=126,B=8 A=94,B=11 A=70,B=15 0x2800_007E 0x2B00_005E 0x2F00_0046 A=1150 0x3000_047E 9600 A=142 0x0000_008E A=254,B=8 A=190,B=11 A=142,B=15 0x2800_00FE 0x2B00_00BE 0x2F00_008E A=2302 0x3000_08FE 4800 A=286 0x0000_011E A=510,B=8 A=382,B=11 A=286,B=15 0x2800_01FE 0x2B00_017E 0x2F00_011E A=4606 0x3000_11FE Table 5-7 UART Baud Rate Setting Table The UART0 and UART1 controllers support auto-flow control function that uses two low-level signals, /CTS (clear-to-send) and /RTS (request-to-send), to control the flow of data transfer between the UART and external devices (ex: Modem). When auto-flow is enabled, the UART is not allowed to receive data until the UART asserts /RTS to external device. When the number of bytes in the RX FIFO equals the value of RTS_TRI_LEV (UA_FCR [19:16]), the /RTS is de- asserted. The UART sends data out when UART controller detects /CTS is asserted from external evice. If a valid asserted /CTS is not detected the UART controller will not send data out. RT controllers also provides Serial IrDA (SIR, Serial Infrared) function (User must set Ir ( E ble ct n defines a short-range infrared asynchronous serial transmission mode with one start bit, 8 data bits, and 1 stop bit. The maximum data rate is 115.2 Kbps (half duplex). he an IrDA SIR Protocol encoder/decoder. The IrDA SIR protocol ha d receive data at the same time. The IrDA SIR phys l er delay between n and rece del fe software. For NuMicro ™ NUC100/NUC120 Low Density, another alternate function of UART controllers is RS-485 9-bit mode functio TS pin or can program GPIO (PB.2 for RTS0 and PB.6 for RTS1) to implement the function by software. The RS-485 mode is selected by setting the UA_FUN_SEL register to select RS-485 function. The RS-485 driver control is implemented using the RTS control signal from an asynchronous serial port to enable the RS-485 driver. In RS-485 mode, many characteristics of the RX and TX are same as UART. d The UA DA_EN UA_FUN_S L [1]) to ena IrDA fun ion). The SIR specificatio T IrDA SIR block contains is ica lf-duplex only. So it cannot transmit an layer specifies a minimum 10ms transf transmissio ption. This ay ature must be implemented by n, and direction control provided by R |
Numéro de pièce similaire - NUC140-LD1E |
|
Description similaire - NUC140-LD1E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |