Moteur de recherche de fiches techniques de composants électroniques |
|
NUC230-RC3N Fiches technique(PDF) 13 Page - Nuvoton Technology Corporation |
|
NUC230-RC3N Fiches technique(HTML) 13 Page - Nuvoton Technology Corporation |
13 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 13 of 107 Rev 1.01 NuMicro ® NUC120 Features – USB Line 2.2 ARM ® Cortex® -M0 core – Runs up to 50 MHz – One 24-bit system timer – Supports low power sleep mode – Single-cycle 32-bit hardware multiplier – NVIC for the 32 interrupt inputs, each with 4-levels of priority – Serial Wire Debug supports with 2 watchpoints/4 breakpoints Built-in LDO for wide operating voltage ranges from 2.5 V to 5.5 V Flash Memory – 32/64/128 Kbytes Flash for program code – 4 KB flash for ISP loader – Supports In-System-Program (ISP) and In-Application-Program (IAP) application code update – 512 byte page erase for flash – Configurable Data Flash address and size for 128 KB system, fixed 4 KB Data Flash for the 32 KB and 64 KB system – Supports 2-wired ICP update through SWD/ICE interface – Supports fast parallel programming mode by external programmer SRAM Memory – 4/8/16 Kbytes embedded SRAM – Supports PDMA mode PDMA (Peripheral DMA) – Supports 9 channels PDMA for automatic data transfer between SRAM and peripherals – Supports CRC calculation with four common polynomials, CRC-CCITT, CRC-8, CRC- 16 and CRC-32 Clock Control – Flexible selection for different applications – Built-in 22.1184 MHz high speed oscillator for system operation Trimmed to ±1 % at +25 ℃ and VDD = 5 V Trimmed to ±3 % at -40 ℃ ~ +85 ℃ and VDD = 2.5 V ~ 5.5 V – Built-in 10 kHz low speed oscillator for Watchdog Timer and Wake-up operation – Supports one PLL, up to 50 MHz, for high performance system operation – External 4~24 MHz high speed crystal input for USB and precise timing operation – External 32.768 kHz low speed crystal input for RTC function and low power system operation GPIO – Four I/O modes: Quasi-bidirectional Push-pull output Open-drain output Input only with high impendence – TTL/Schmitt trigger input selectable – I/O pin configured as interrupt source with edge/level setting Timer – Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter – Independent clock source for each timer – Provides one-shot, periodic, toggle and continuous counting operation modes |
Numéro de pièce similaire - NUC230-RC3N |
|
Description similaire - NUC230-RC3N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |