Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-YC3N Fiches technique(PDF) 78 Page - Nuvoton Technology Corporation

No de pièce NUC120-YC3N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-YC3N Fiches technique(HTML) 78 Page - Nuvoton Technology Corporation

Back Button NUC120-YC3N Datasheet HTML 74Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 75Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 76Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 77Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 78Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 79Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 80Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 81Page - Nuvoton Technology Corporation NUC120-YC3N Datasheet HTML 82Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 78 of 107
Rev 1.01
SIR Protocol encoder/decoder. The IrDA SIR Protocol encoder/decoder is half-duplex only. So it
cannot transmit and receive data at the same time. The IrDA SIR physical layer specifies a
minimum 10ms transfer delay between transmission and reception, and this delay feature must
be implemented by software.
The alternate function of UART controllers is LIN (Local Interconnect Network) function. The LIN
mode is selected by setting the
UA_FUN_SEL[1:0] to ’01’. In LIN mode, 1 start bit and 8 data bits
format with 1 stop bit are required in accordance with the LIN standard.
For NuMicro
®
NUC100 series, another alternate function of UART controllers is RS-485 9-bit
mode, and direction control provided by /RTS pin or can program GPIO (PB.2 for UART0_nRTS
and PB.6 for UART1_nRTS) to implement the function by software. The RS-485 mode is selected
by setting the UA_FUN_SEL register to select RS-485 function. The RS-485 transceiver control is
implemented using the /RTS control signal from an asynchronous serial port to enable the RS-
485 transceiver. In RS-485 mode, many characteristics of the receiving and transmitting are same
as UART.
6.14.2
Features
Full duplex, asynchronous communications
Separates receive / transmit 64/16/16 bytes (UART0/UART1/UART2) entry FIFO for data
payloads
Supports hardware auto flow control/flow control function (CTS, RTS) and programmable
RTS flow control trigger level (UART0 and UART1 support)
Programmable receiver buffer trigger level
Supports programmable baud-rate generator for each channel individually
Supports CTS wake-up function (UART0 and UART1 support)
Supports 7-bit receiver buffer time-out detection function
UART0/UART1 can through DMA channels to receive/transmit data
Programmable transmitting data delay time between the last stop and the next start bit by
setting UA_TOR [DLY] register
Supports break error, frame error, parity error and receive / transmit buffer overflow detect
function
Fully programmable serial-interface characteristics
Programmable data bit length, 5-, 6-, 7-, 8-bit character
Programmable parity bit, even, odd, no parity or stick parity bit generation and
detection
Programmable stop bit length, 1, 1.5, or 2 stop bit generation
IrDA SIR function mode
Supports 3-/16-bit duration for normal mode
LIN function mode
Supports LIN master/slave mode
Supports programmable break generation function for transmitter
Supports break detect function for receiver
RS-485 function mode.


Numéro de pièce similaire - NUC120-YC3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-YC3N NUVOTON-NUC120-YC3N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-YC3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com