Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-RE3N Fiches technique(PDF) 25 Page - Nuvoton Technology Corporation

No de pièce NUC130-RE3N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-RE3N Fiches technique(HTML) 25 Page - Nuvoton Technology Corporation

Back Button NUC130-RE3N Datasheet HTML 21Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 22Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 23Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 24Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 25Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 26Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 27Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 28Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 25 -
Revision V2.03
5.2.4
System Memory Map
NuMicro
™ NUC100 Series provides 4G-byte addressing space. The memory locations assigned
to each on-chip controllers are shown in the following table. The detailed register definition,
memory space, and programming detailed will be described in the following sections for each on-
chip peripherals. NuMicro
™ NUC100 Series only supports little-endian data format.
Address Space
Token
Controllers
Flash and SRAM Memory Space
0x0000_0000 – 0x0001_FFFF FLASH_BA
FLASH Memory Space (128KB)
0x2000_0000 – 0x2000_3FFF SRAM_BA
SRAM Memory Space (16KB)
0x6000_0000 – 0x6001_FFFF EXTMEM_BA
External Memory Space (128KB)
(NuMicro
™ NUC100/NUC120 Low Density 64-pin Only)
AHB Controllers Space (0x5000_0000 – 0x501F_FFFF)
0x5000_0000 – 0x5000_01FF GCR_BA
System Global Control Registers
0x5000_0200 – 0x5000_02FF CLK_BA
Clock Control Registers
0x5000_0300 – 0x5000_03FF INT_BA
Interrupt Multiplexer Control Registers
0x5000_4000 – 0x5000_7FFF GPIO_BA
GPIO Control Registers
0x5000_8000 – 0x5000_BFFF PDMA_BA
Peripheral DMA Control Registers
0x5000_C000 – 0x5000_FFFF FMC_BA
Flash Memory Control Registers
0x5001_0000 – 0x5001_03FF EBI_BA
External Bus Interface Control Registers
(NuMicro
™ NUC100/NUC120 Low Density 64-pin Only)
APB1 Controllers Space (0x4000_0000 ~ 0x400F_FFFF)
0x4000_4000 – 0x4000_7FFF WDT_BA
Watchdog Timer Control Registers
0x4000_8000 – 0x4000_BFFF RTC_BA
Real Time Clock (RTC) Control Register
0x4001_0000 – 0x4001_3FFF TMR01_BA
Timer0/Timer1 Control Registers
0x4002_0000 – 0x4002_3FFF I2C0_BA
I
2C0 Interface Control Registers
0x4003_0000 – 0x4003_3FFF SPI0_BA
SPI0 with master/slave function Control Registers
0x4003_4000 – 0x4003_7FFF SPI1_BA
SPI1 with master/slave function Control Registers
0x4004_0000 – 0x4004_3FFF PWMA_BA
PWM0/1/2/3 Control Registers
0x4005_0000 – 0x4005_3FFF UART0_BA
UART0 Control Registers
0x4006_0000 – 0x4006_3FFF USBD_BA
USB 2.0 FS device Controller Registers
0x400D_0000 – 0x400D_3FFF ACMP_BA
Analog Comparator Control Registers


Numéro de pièce similaire - NUC130-RE3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-RE3N NUVOTON-NUC130-RE3N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC130-RE3N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com