Moteur de recherche de fiches techniques de composants électroniques |
|
NUC130-RE3N Fiches technique(PDF) 51 Page - Nuvoton Technology Corporation |
|
NUC130-RE3N Fiches technique(HTML) 51 Page - Nuvoton Technology Corporation |
51 / 89 page NuMicro ™ NUC120 Data Sheet Publication Release Date: Jan. 2, 2012 - 51 - Revision V2.03 5.12.2 ple no c ate receive / transm 4/16/1 AR ART try ds rt hard au ol/ ol S, R nd p RTS flow control trigger level (UART0 T1 mmab eiv r Support programmable baud-rate generator for ea ually rt CTS -up R T Support 7-bit receiver buffer time out detection fun 0/UART1 can be se he o Programmable transmitting data delay time betw op and the next start bit by g UA_ LY Support break error, frame error, pa d receive / transmit buffer overflow detect function progra e s c cs Programmable number of data bit, 5-, 6-, 7-, 8-bit ch Progr le e k p ge detection Programmable stop bit, 1, 1.5, t g rt IrDA SIR function Support for 3-/16-bit duration for normal mode Features Full du x, asynchro us communi ations Separ payloa it 6 6 bytes (U T0/UART1/U 2) en FIFO for data Suppo ware to flow contr flow contr and UAR function (CT TS) a rogrammable support) Progra le rec er buffer trigge level ch channel individ Suppo wake function (UA T0 and UAR 1 support) ction ller UART rved by t DMA contr een the last st settin TOR [D ] register rity error an Fully mmabl erial-interface haracteristi aracter ammab parity bit, ev n, odd, no parity or stic arity bit neration and or 2 stop bi eneration Suppo mode Support RS-485 function mode. (NuMicro NUC100/NUC120 Low Density only) Support RS-485 9-bit mode Support hardware or software direct enable control provided by RTS pin ™ |
Numéro de pièce similaire - NUC130-RE3N |
|
Description similaire - NUC130-RE3N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |