Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-RB3N Fiches technique(PDF) 97 Page - Nuvoton Technology Corporation

No de pièce NUC140-RB3N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-RB3N Fiches technique(HTML) 97 Page - Nuvoton Technology Corporation

Back Button NUC140-RB3N Datasheet HTML 93Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 94Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 95Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 96Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 97Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 98Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 99Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 100Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 101Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 97 of 107
Rev 1.01
-40℃~+85℃;
VDD=2.5 V~5.5 V
-50
-
+50
%
Analog Characteristics
8.4
8.4.1
12-bit SARADC Specification
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
-
Resolution
-
-
12
Bit
DNL
Differential nonlinearity error
-
-1~2
-1~4
LSB
INL
Integral nonlinearity error
-
±2
±4
LSB
EO
Offset error
-
±1
10
LSB
EG
Gain error (Transfer gain)
-
1
1.005
-
-
Monotonic
Guaranteed
FADC
ADC clock frequency (AVDD = 5V/3V)
-
-
16/8
MHz
FS
Sample rate
-
-
760
kSPS
VDDA
Supply voltage
3
-
5.5
V
IDD
Supply current (Avg.)
-
0.5
-
mA
IDDA
-
1.5
-
mA
VREF
Reference voltage
3
VDDA
V
IREF
Reference current (Avg.)
-
1
-
mA
VIN
Input voltage
0
-
VREF
V
8.4.2
LDO and Power Management Specification
PARAMETER
MIN.
TYP.
MAX.
UNIT
NOTE
Input Voltage VDD
2.5
5.5
V
VDD input voltage
Output Voltage
1.62
1.8
1.98
V
VDD > 2.5 V
Operating Temperature
-40
25
85
Cbp
-
1
-
F RESR = 1 Ω
Note:
1. It is recommended that a 10 uF or higher capacitor and a 100 nF bypass capacitor are connected between VDD and the
closest VSS pin of the device.
2. To ensure power stability, a 1
F or higher capacitor must be connected between LDO_CAP pin and the closest V
SS
pin of the device.


Numéro de pièce similaire - NUC140-RB3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-RB3N NUVOTON-NUC140-RB3N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-RB3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com