Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-RB3N Fiches technique(PDF) 94 Page - Nuvoton Technology Corporation

No de pièce NUC140-RB3N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-RB3N Fiches technique(HTML) 94 Page - Nuvoton Technology Corporation

Back Button NUC140-RB3N Datasheet HTML 90Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 91Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 92Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 93Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 94Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 95Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 96Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 97Page - Nuvoton Technology Corporation NUC140-RB3N Datasheet HTML 98Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 94 of 107
Rev 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Low Voltage X32I
[*2]
VIL4
0
-
0.4
v
Input High Voltage X32I
[*2]
VIH4
1.2
1.8
V
Negative going threshold
(Schmitt input), /RESET
VILS
-0.5
-
0.2VDD
-0.2
V
Positive going threshold
(Schmitt input), /RESET
VIHS
0.7VDD
-
VDD
+0.5
V
Source Current PA, PB, PC,
PD, PE, PF (Quasi-
bidirectional Mode)
ISR11
-300
-370
-450
A VDD = 4.5V, VS = 2.4V
ISR12
-50
-70
-90
A VDD = 2.7V, VS = 2.2V
ISR12
-40
-60
-80
A VDD = 2.5V, VS = 2.0V
Source Current PA, PB, PC,
PD, PE, PF (Push-pull Mode)
ISR21
-24
-28
-32
mA VDD = 4.5V, VS = 2.4V
ISR22
-4
-6
-8
mA VDD = 2.7V, VS = 2.2V
ISR22
-3
-5
-7
mA VDD = 2.5V, VS = 2.0V
Sink Current PA, PB, PC, PD,
PE, PF (Quasi-bidirectional
and Push-pull Mode)
ISK1
10
16
20
mA VDD = 4.5V, VS = 0.45V
ISK1
7
10
13
mA VDD = 2.7V, VS = 0.45V
ISK1
6
9
12
mA VDD = 2.5V, VS = 0.45V
Brown-out Voltage with
BOD_VL [1:0] = 00b
VBO2.2
2.1
2.2
2.3
V
Brown-out Voltage with
BOD_VL [1:0] = 01b
VBO2.7
2.6
2.7
2.8
V
Brown-out voltage with
BOD_VL [1:0] = 10b
VBO3.7
3.5
3.7
3.9
V
Brown-out Voltage with
BOD_VL [1:0] = 11b
VBO4.4
4.2
4.4
4.6
V
Hysteresis range of BOD
voltage
VBH
30
-
150
mV VDD = 2.5V~5.5V
Band-gap voltage
VBG
1.175
1.20
1.225
V
VDD = 2.5V - 5.5V
Note:
1. /RESET pin is a Schmitt trigger input.
2. Crystal Input is a CMOS input.
3. Pins of PA, PB, PC, PD, PE and PF can source a transition current when they are being externally driven from 1 to 0. In
the condition of VDD = 5.5 V, the transition current reaches its maximum value when VIN approximates to 2 V.


Numéro de pièce similaire - NUC140-RB3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-RB3N NUVOTON-NUC140-RB3N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-RB3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com