Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A20223203AB Fiches technique(PDF) 2 Page - Eaton All Rights Reserved.

No de pièce A20223203AB
Description  Single Row Terminal Blocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

A20223203AB Fiches technique(HTML) 2 Page - Eaton All Rights Reserved.

  A20223203AB Datasheet HTML 1Page - Eaton All Rights Reserved. A20223203AB Datasheet HTML 2Page - Eaton All Rights Reserved. A20223203AB Datasheet HTML 3Page - Eaton All Rights Reserved. A20223203AB Datasheet HTML 4Page - Eaton All Rights Reserved. A20223203AB Datasheet HTML 5Page - Eaton All Rights Reserved. A20223203AB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
Terminal Blocks - Single Row
Series A2000 & LP2000
Single Row Terminal Blocks
Part Numbering System
Series
Terminal Style
Base/End
Poles
Screw Options
nnnn
nnnnnn qq
q
qq
qqqq
A2 - standard barrier 01* - handwired
1 - std. base/mnt. end
02 to 32
Blank - std. screw
LP2 - low profile
02 - printed circuit
2 - std. base/barrier end 02 to 30 on mount
00 - screws shipped bulk
barrier
03 - non feed-thru
3 - insulator base/mnt. end
end base
03* - stainless steel
04 - wire wrap tail
4 - insulator base/
04 - brass nickel-plated
06 - handwired
barrier end
07 - steel SEMS
07 - extended pin
5 - closed base/
(not available
08 - printed circuit
mount end
with hardware options)
09 - 0.250˝ QC short
6 - closed base/
09* - brass SEMS
10 - 0.187˝ QC
molded mount end
nickel-plated
14 - printed circuit
(not available with
19 - 0.250˝ QC long
hardware options)
Options
qqq
AB* - angle mnt. options (pg 11)
A1 to A9 - 0.250˝ QC
B1 to B9 - 0.187˝ QC
DR* - drilled right angle (pg 11)
L1 to L6 marking options (pg 25)
MP* mounting plates (pg 11)
RC* - retaining clips (pg 11)
R30 to R77 - right angle bends (pg 11)
S1* - solder lug/flat
JA***, JB*** & JC*** - barrier jumpers
OJ2*** & OJ4*** - over barrier jumpers
CA** - captive screw
(not available w/covers)
WR - wire ready
(not available on LP2
Covers - (pg 2
6)
series)
0.20
(5.1)
0.062
(1.57)
0.031
(0.79)
0.55
(14.0)
0.062
(1.57)
0.031
(0.79)
01
Handwired
04
Wire Wrap Tail
03
Non Feed-Thru
02
Printed Circuit
0.54
(13.7)
0.055
(1.40)
0.032
(0.81)
0.14
(3.6)
07
Extended Pin
0.11
(2.79)
0.031
(0.79)
0.30
(7.6)
06
Handwired
Terminal Styles
Inches (Millimeters)
0.062
(1.57)
0.17
(4.3)
0.031
(0.79)
0.42
(10.7)
0.187
(4.75)
0.031
(0.79)
0.40
(10.2)
0.250
(6.35)
0.031
(0.79)
08
Printed Circuit
10
0.187˝ QC
09
0.250˝ QC short
0.72
(18.3)
0.31
(7.9)
0.30
(7.62)
0.33
(8.4)
0.250
(6.35)
0.031
(0.79)
19
0.250˝ QC long
0.062
(1.57)
0.031
(0.79)
0.125
(3.2)
14
Printed Circuit
A 2
L P 2
Base/End Note: 6
style not available with
covers. 5 & 6 Styles
only available with 03
terminals.
0.55
(14.0)
0.110
(2.79)
0.031
(0.79)
*A2 only.
**Not compatible with 03-stainless steel screws.
***Contact factory for configuration.
9


Numéro de pièce similaire - A20223203AB

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A2023 ALLEGRO-A2023 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
A2024 ALLEGRO-A2024 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
MicroPower Direct, LLC
A202EHI MPD-A202EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
A202EHI MPD-A202EHI Datasheet
223Kb / 2P
   A200EHI SERIES
A202R MPD-A202R Datasheet
94Kb / 2P
   Compact, Regulated, 2W Single & Dual Output DC/DC Converters
More results

Description similaire - A20223203AB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com