Moteur de recherche de fiches techniques de composants électroniques |
|
A20630203AB Fiches technique(PDF) 3 Page - Eaton All Rights Reserved. |
|
A20630203AB Fiches technique(HTML) 3 Page - Eaton All Rights Reserved. |
3 / 6 page For additional product information, visit www.eaton.com/connectors Hardware Options (Bulk ordering part numbers are in parentheses) Inches (Millimeters) Solder Lugs Jumpers Quick Connects Blade Width A = 0.250” Blade Width B = 0.187” 0.68 (17.3) 0.84 (21.2) S1 (2S1-J) A1 & B1 (2A1-J & 2B1-J) A2 & B2 (2A2-J & 2B2-J) A3 & B3 (2A3-J & 2B3-J) A9 & B9 (2A9-J & 2B9-J) 0.33 (8.4) †JB (JB2-02-J) A4 & B4 (2A4-J & 2B4-J) A5 & B5 (2A5-J & 2B5-J) A6 & B6 (2A6-J & 2B6-J) A7 & B7 (2A7-J & 2B7-J) A8 & B8 (2A8-J & 2B8-J) 0.33 (8.4) †JA (JA2-02-J) 0.33 (8.4) †JC (JC2-02-J) WR Wire Ready 04 Brass Nickel-Plated (F506-J) 07 Steel SEMS (F523-J) Screw Options (Bulk ordering part numbers are in parentheses) 09 Brass SEMS Nickel-Plated (F524-J) †OJ4 (OJ4-J) †OJ2 (OJ2-J) B SECTION A–A 0.40 (10.2) B 0.180 (4.57) 0.218 (5.54) B 0.150 Ø (3.8) mounting holes (2) 0.095 (2.4) SECTION B–B 0.40 (10.2) B 6 Molded Mount End 1, 3 & 5 Mount End 03 Stainless Steel (F507-J) Standard Zinc-plated Steel (F505-J) Base/End Options Inches (Millimeters) Series A2000 & LP2000 Single Row Terminal Blocks Continued †Contact factory for configuration. Terminal Blocks - Single Row Mount End Details 1 - Standard base/mount end 5 - Closed base/mount end 6 - Closed base/molded mount end 2 - Standard base/barrier end 4 - Insulator base/barrier end FIG 1 FIG 2 FIG 3 FIG 4 FIG 5 FIG 1 FIG 2 FIG 3 FIG 4 3 - Insulator base/mount end FIG 1 FIG 2 FIG 3 FIG 4 FIG 5 FIG 1 FIG 2 FIG 3 FIG 4 FIG 5 FIG 6 FIG 1 FIG 2 FIG 3 FIG 4 FIG 5 FIG 6 FIG 1 FIG 2 FIG 3 FIG 4 FIG 5 FIG 6 0.30 (7.62) 0.30 (7.62) 10 |
Numéro de pièce similaire - A20630203AB |
|
Description similaire - A20630203AB |