Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-LC2N Fiches technique(PDF) 81 Page - Nuvoton Technology Corporation

No de pièce NUC100-LC2N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-LC2N Fiches technique(HTML) 81 Page - Nuvoton Technology Corporation

Back Button NUC100-LC2N Datasheet HTML 77Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 78Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 79Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 80Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 81Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 82Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 83Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 84Page - Nuvoton Technology Corporation NUC100-LC2N Datasheet HTML 85Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 81 of 107
Rev 1.01
PS/2 Device Controller (PS2D)
6.16
6.16.1
Overview
The PS/2 device controller provides a basic timing control for PS/2 communication. All
communication between the device and the host is managed through the CLK and DATA pins.
Unlike PS/2 keyboard or mouse device controller, the receive/transmit code needs to be
translated as meaningful code by firmware. The device controller generates the CLK signal after
receiving a
“Request to Send” state, but host has ultimate control over communication. Data of
DATA line sent from the host to the device is read on the rising edge and sent from the device to
the host is change after rising edge. A 16 bytes FIFO is used to reduce CPU intervention.
Software can select 1 to 16 bytes for a continuous transmission.
6.16.2
Features
Host communication inhibit and Request to Send state detection
Reception frame error detection
Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention
Double buffer for data reception
Software override bus


Numéro de pièce similaire - NUC100-LC2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-LC2N NUVOTON-NUC100-LC2N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC100-LC2N NUVOTON-NUC100-LC2N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100-LC2N0 NUVOTON-NUC100-LC2N0 Datasheet
1Mb / 99P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC100-LC2N1 NUVOTON-NUC100-LC2N1 Datasheet
1Mb / 99P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Description similaire - NUC100-LC2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com