Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7222-55A Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BUK7222-55A
Description  TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7222-55A Fiches technique(HTML) 1 Page - NXP Semiconductors

  BUK7222-55A Datasheet HTML 1Page - NXP Semiconductors BUK7222-55A Datasheet HTML 2Page - NXP Semiconductors BUK7222-55A Datasheet HTML 3Page - NXP Semiconductors BUK7222-55A Datasheet HTML 4Page - NXP Semiconductors BUK7222-55A Datasheet HTML 5Page - NXP Semiconductors BUK7222-55A Datasheet HTML 6Page - NXP Semiconductors BUK7222-55A Datasheet HTML 7Page - NXP Semiconductors BUK7222-55A Datasheet HTML 8Page - NXP Semiconductors BUK7222-55A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BUK7222-55A
TrenchMOS™ standard level FET
Rev. 01 — 17 April 2001
Product specification
c
c
M3D300
1.
Description
N-channel enhancement mode field-effect power transistor in a plastic package using
TrenchMOS™1 technology, featuring very low on-state resistance.
Product availability:
BUK7222-55A in SOT428 (D-PAK).
2.
Features
s TrenchMOS™ technology
s Q101 compliant
s 175
°C rated
s Standard level compatible.
3.
Applications
s Automotive and general purpose power switching:
x 12 V and 24 V loads
x Motors, lamps and solenoids.
4.
Pinning information
1.
TrenchMOS is a trademark of Royal Philips Electronics.
Table 1:
Pinning - SOT428 (D-PAK), simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT428 (D-PAK)
2
drain (d)
3
source (s)
mb
drain (d)
MBK091
Top view
13
mb
2
s
d
g
MBB076


Numéro de pièce similaire - BUK7222-55A

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUK7222-55A ISC-BUK7222-55A Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7222-55A NEXPERIA-BUK7222-55A Datasheet
807Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 2 - 23 February 2011
logo
NXP Semiconductors
BUK7222-55A PHILIPS-BUK7222-55A_15 Datasheet
194Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 2-23 February 2011
More results

Description similaire - BUK7222-55A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com