Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-LD3C Fiches technique(PDF) 71 Page - Nuvoton Technology Corporation

No de pièce NUC140-LD3C
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LD3C Fiches technique(HTML) 71 Page - Nuvoton Technology Corporation

Back Button NUC140-LD3C Datasheet HTML 67Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 68Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 69Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 70Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 71Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 72Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 73Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 74Page - Nuvoton Technology Corporation NUC140-LD3C Datasheet HTML 75Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 71 of 97
Revision 1.01
6.11 Window Watchdog Timer (WWDT)
6.11.1 Overview
The Window Watchdog Timer is used is to perform a system reset within a specified window
period to prevent software run to uncontrollable status by any unpredictable condition.
6.11.2 Features
6-bit down counter value (WWDTVAL[5:0]) and 6-bit compare window value
(WWDTCR[21:16]) to make the WWDT time-out window period flexible
Supports 4-bit value to programmable maximum 11-bit prescale counter period of
WWDT counter
6.12 Real Time Clock (RTC)
6.12.1 Overview
The Real Time Clock (RTC) controller provides the real time and calendar message. The RTC
offers programmable time tick and alarm match interrupts. The data format of time and calendar
messages are expressed in BCD format. A digital frequency compensation feature is available to
compensate external crystal oscillator frequency accuracy.
The RTC controller also offers 80 bytes spare registers
to store user’s important information.
6.12.2 Features
Supports real time counter in Time Loading Register (TLR) (hour, minute, second)
and calendar counter in Calendar Loading Register (CLR) (year, month, day) for RTC
time and calendar check
Supports alarm time (hour, minute, second) and calendar (year, month, day) settings
in Time Alarm Register (TAR) and Calendar Alarm Register (CAR) register
Selectable 12-hour or 24-hour time scale in Time Scale Selection Register (TSSR)
register
Supports Leap Year indication in Leap Year Indicator Register (LIR) register
Supports Day of the Week counter in Day of the Week Register (DWR) register
Frequency of RTC clock source compensate by RTC Frequency Compensation
Register (FCR) register
All time and calendar message expressed in BCD format
Supports periodic RTC Time Tick interrupt with 8 period interval options 1/128, 1/64,
1/32, 1/16, 1/8, 1/4, 1/2 and 1 second
Supports RTC Time Tick and Alarm Match interrupt
Supports chip wake-up from Idle or Power-down mode while a RTC interrupt signal is
generated
Supports 80 bytes spare registers


Numéro de pièce similaire - NUC140-LD3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-LD3C NUVOTON-NUC140-LD3C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-LD3C NUVOTON-NUC140-LD3C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-LD3C NUVOTON-NUC140-LD3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC140-LD3C NUVOTON-NUC140-LD3C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-LD3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com