Moteur de recherche de fiches techniques de composants électroniques |
|
74HC4060 Fiches technique(PDF) 6 Page - Silicon Supplies |
|
74HC4060 Fiches technique(HTML) 6 Page - Silicon Supplies |
6 / 7 page Page 6 of 7 www.siliconsupplies.com AC Electrical Characteristics continued6 High Speed CMOS Logic – 74HC4060 Rev 1.0 26/11/17 8. Used to determine the no-load dynamic power consumption: PD = CPD VCC 2f + ICC VCC LIMITS PARAMETER SYMBOL VCC CONDITIONS 25°C 85°C FULL RANGE 5 UNITS 2.0V 75 95 95 3.0V 60 75 75 4.5V 15 19 19 Maximum Propagation Delay, Qn to Qn+1 (Figure 3,4) tPLH, tPHL 6.0V CL = 50pF, tr = tf = 6ns 13 16 16 ns 2.0V 75 95 95 3.0V 27 32 32 4.5V 15 19 19 Maximum Output Transition Time, any output (Figure 1,4) tTLH, tTHL 6.0V CL = 50pF, tr = tf = 6ns 13 16 16 ns Maximum Input Capacitance CIN - - 10 10 10 pF TYPICAL Power Dissipation Capacitance 8 CPD - TA = 25°C, VCC = 5.0V 35 pF Timing Requirements6 LIMITS PARAMETER SYMBOL VCC CONDITIONS 25°C 85°C FULL RANGE 5 UNITS 2.0V 100 125 125 3.0V 75 100 100 4.5V 20 25 25 Minimum Recovery Time, Reset Inactive to Clock (Figure 2) trec 6.0V tr = tf = 6ns 17 21 21 ns 2.0V 75 95 95 3.0V 27 32 32 4.5V 15 19 19 Minimum Pulse Width, Clock (Figure 1) tw 6.0V tr = tf = 6ns 13 16 16 ns 2.0V 75 95 95 3.0V 27 32 32 4.5V 15 19 19 Minimum Pulse Width, Reset (Figure 2) tw 6.0V tr = tf = 6ns 13 16 16 ns 2.0V 1000 1000 1000 3.0V 800 800 800 4.5V 500 500 500 Maximum Input Rise and Fall Times (Figure 1) tr, tf 6.0V tr = tf = 6ns 400 400 400 ns |
Numéro de pièce similaire - 74HC4060 |
|
Description similaire - 74HC4060 |