Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-SC3C Fiches technique(PDF) 10 Page - Nuvoton Technology Corporation

No de pièce NUC230-SC3C
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-SC3C Fiches technique(HTML) 10 Page - Nuvoton Technology Corporation

Back Button NUC230-SC3C Datasheet HTML 6Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 7Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 8Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 9Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 10Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 11Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 12Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 13Page - Nuvoton Technology Corporation NUC230-SC3C Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 10 of 97
Revision 1.01
8 selectable time-out period from 1.6 ms ~ 26.0 sec (depending on clock source)
Wake-up from Power-down or Idle mode
Interrupt or reset selectable on watchdog time-out
Supports 4 selectable Watchdog Timer reset delay period(1026, 130, 18 or 3 WDT_CLK)
 Window Watchdog Timer
6-bit down counter with 11-bit prescale for wide range window selected
 RTC
Supports software compensation by setting frequency compensate register (FCR)
Supports RTC counter (second, minute, hour) and calendar counter (day, month, year)
Supports Alarm registers (second, minute, hour, day, month, year)
Selectable 12-hour or 24-hour mode
Automatic leap year recognition
Supports periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8, 1/4,
1/2 and 1 second
Supports battery power pin (VBAT)
Supports wake-up function
 PWM/Capture
Up to four built-in 16-bit PWM generators providing eight PWM outputs or four
complementary paired PWM outputs
Each PWM generator equipped with one clock source selector, one clock divider, one 8-bit
prescaler and one Dead-Zone generator for complementary paired PWM
Supports One-shot or Auto-reload mode
Up to eight 16-bit digital capture timers (shared with PWM timers) providing eight
rising/falling capture inputs
Supports Capture interrupt
 UART
Up to six UART controllers (three UART controllers are shared with SC)
UART ports with flow control (TXD, RXD, nCTS and nRTS)
UART0 with 64-byte FIFO is for high speed
UART1/2(optional) with 16-byte FIFO for standard device
Supports IrDA (SIR) and LIN function
Supports RS-485 9-bit mode and direction control
Programmable baud-rate generator up to 1/16 system clock
Supports CTS wake-up function (UART0 and UART1 support)
Supports PDMA mode
 Smart Card Host (SC)
Supports up to three ISO-7816-3 ports
 Compliant to ISO-7816-3 T=0, T=1
 Separate receive / transmit 4 bytes entry FIFO for data payloads
 Programmable transmission clock frequency
 Programmable receiver buffer trigger level
 Programmable guard time selection (11 ETU ~ 266 ETU)
 One 24-bit and two 8-bit time-out counters for Answer to Request (ATR) and waiting
times processing
 Supports auto inverse convention function
 Supports transmitter and receiver error retry and error limit function
 Supports hardware activation sequence process
 Supports hardware warm reset sequence process
 Supports hardware deactivation sequence process
 Supports hardware auto deactivation sequence when detecting the card is removal
Supports up to three UART ports
 Full duplex, asynchronous communications
 Supports receiving / transmitting 4-bytes FIFO
 Supports programmable baud rate generator for each channel
 Programmable even, odd or no parity bit generation and detection
 Programmable stop bit, 1 or 2 stop bit generation


Numéro de pièce similaire - NUC230-SC3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-SC3C NUVOTON-NUC230-SC3C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-SC3C NUVOTON-NUC230-SC3C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-SC3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com