Moteur de recherche de fiches techniques de composants électroniques |
|
93C66BXTEPG Fiches technique(PDF) 4 Page - Microchip Technology |
|
93C66BXTEPG Fiches technique(HTML) 4 Page - Microchip Technology |
4 / 24 page 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C DS21795B-page 4 2003 Microchip Technology Inc. FIGURE 1-1: SYNCHRONOUS DATA TIMING TABLE 1-3: INSTRUCTION SET FOR X 16 ORGANIZATION (93XX66B OR 93XX66C WITH ORG = 1) TABLE 1-4: INSTRUCTION SET FOR X 8 ORGANIZATION (93XX66A OR 93XX66C WITH ORG = 0) Instruction SB Opcode Address Data In Data Out Req. CLK Cycles ERASE 1 11 A7 A6A5 A4A3A2A1 A0 — (RDY/BSY)11 ERAL 1 00 1 0 XXX XX X — (RDY/BSY)11 EWDS 1 00 0 0 XXX XX X — HIGH-Z 11 EWEN 1 00 1 1 XXX XX X — HIGH-Z 11 READ 1 10 A7 A6A5 A4A3A2A1 A0 — D15 – D0 27 WRITE 1 01 A7 A6A5 A4A3A2A1 A0 D15 – D0 (RDY/BSY)27 WRAL 1 00 0 1 XXX XX X D15 – D0 (RDY/BSY)27 Instruction SB Opcode Address Data In Data Out Req. CLK Cycles ERASE 1 11 A8 A7A6 A5A4A3A2 A1 A0 — (RDY/BSY)12 ERAL 1 00 1 0 X XXXX X X — (RDY/BSY)12 EWDS 1 00 0 0 X XXXX X X — HIGH-Z 12 EWEN 1 00 1 1 X XXXX X X — HIGH-Z 12 READ 1 10 A8 A7A6 A5A4A3A2 A1 A0 — D7 – D0 20 WRITE 1 01 A8 A7A6 A5A4A3A2 A1 A0 D7 – D0 (RDY/BSY)20 WRAL 1 00 0 1 X X X X X X X D7 – D0 (RDY/BSY)20 CS VIH VIL VIH VIL VIH VIL VOH VOL VOH VOL CLK DI DO (READ) DO (PROGRAM) TCSS TDIS TCKH TCKL TDIH TPD TCSH TPD TCZ STATUS VALID TSV TCZ Note: TSV is relative to CS. |
Numéro de pièce similaire - 93C66BXTEPG |
|
Description similaire - 93C66BXTEPG |