Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-VE1N Fiches technique(PDF) 46 Page - Nuvoton Technology Corporation

No de pièce NUC140-VE1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-VE1N Fiches technique(HTML) 46 Page - Nuvoton Technology Corporation

Back Button NUC140-VE1N Datasheet HTML 42Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 43Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 44Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 45Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 46Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 47Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 48Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 49Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 50Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 46 of 107
Rev 1.01
Low Voltage
Reset
Power-on
Reset
Brown-out
Reset
Reset Pulse Width
3.2ms
WDT/WWDT
Reset
~50k ohm
@5v
Reset Pulse Width
2 system clocks
nRESET
VDD
AVDD
CHIP Reset
CHIP_RST(IPRSTC1[0])
CPU Reset
CPU_RST(IPRSTC1[1])
MCU Reset
SYSRESETREQ(AIRCR[2])
BOD_RSTEN(BODCR[3])
Reset Pulse Width
64 WDT clocks
Glitch Filter
36 us
Software Reset
LVR_EN(BODCR[7])
POR_DIS_CODE(PORCR[15:0])
System Reset
Figure 6-2 System Reset Resources
There are a total of 8 reset sources in the NuMicro
® family. In general, CPU reset is used to reset
Cortex
® -M0 only; the other reset sources will reset Cortex® -M0 and all peripherals. However,
there are small differences between each reset source and they are listed in Table 6-1.
Reset Sources
Register
POR
nRESET
WDT
LVR
BOD
CHIP
MCU
CPU
RSTSRC
Bit 0 = 1
Bit 1 = 1
Bit 2 = 1
Bit 3 = 1
Bit 4 = 1
Bit 0 = 1
Bit 5 = 1
Bit 7 = 1
CHIP_RST
(IPRSTC1[0])
0x0
-
-
-
-
-
-
-
BOD_EN
(BODCR[0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
Reload
from
CONFIG0
Reload
from
CONFIG0
-
BOD_VL
(BODCR[2:1])
BOD_RSTEN
(BODCR[3])
XTL12M_EN
(PWRCON[0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
WDT_EN
(APBCLK[0])
0x1
-
0x1
-
-
0x1
-
-
HCLK_S
(CLKSEL0[2:0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
WDT_S
0x3
0x3
-
-
-
-
-
-


Numéro de pièce similaire - NUC140-VE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-VE1N NUVOTON-NUC140-VE1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-VE1N NUVOTON-NUC140-VE1N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-VE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com