Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BP9916D Datasheet(Fiches technique) 2 Page - Bright Power Semiconductor Co., Ltd.

Numéro de pièce BP9916D
Description  Non-isolated Buck Offline LED Driver
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BPS [Bright Power Semiconductor Co., Ltd.]
Site Internet  http://www.bpsemi.com/en/
Logo 

   
 2 page
background image
BP9916D
Non-isolated Buck Offline LED Driver
BP9916D_EN _DS_Rev.1.0
www.bpsemi.com
2
BPS Confidential – Customer Use Only
晶丰明源半导体
Ordering Information
Part Number
Package
Operating
Temperature
Packing Method
Marking
BP9916D
SOP8
-40 ℃ to 105 ℃
Tape
4,000 Pcs/Roll
BP9916D
XXXXXY
XYY
Pin Configuration and Marking Information
VCC
NC
DRAIN
CS
CS
CS
NC
CS
Figure 2. Pin configuration
Pin Definition
Pin No.
Name
Description
1
VCC
Power Supply Pin.
5,6,7,8
CS
IC GND Pin, also for Current Sense. Connect a sense resistor between
this pin and power GND.
4
DRAIN
Internal HV Power MOSFET Drain.
XXXXXY: Lot Code
X: Year
YY: Week




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl