Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-LC2C Fiches technique(PDF) 84 Page - Nuvoton Technology Corporation

No de pièce NUC130-LC2C
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-LC2C Fiches technique(HTML) 84 Page - Nuvoton Technology Corporation

Back Button NUC130-LC2C Datasheet HTML 80Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 81Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 82Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 83Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 84Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 85Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 86Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 87Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 88Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 84 of 97
Revision 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
IIDLE19
133
A
3.3V
32.768
X
X
V
IIDLE20
120
A
3.3V
32.768
X
X
X
Operating Current
Idle Mode
at 10 kHz
IIDLE21
122
A
VDD
HXT/LXT LIRC (kHz)
PLL
All digital
module
5.5V
X
10
X
V
IIDLE22
118
A
5.5V
X
10
X
X
IIDLE23
122
A
3.3V
X
10
X
V
IIDLE24
118
A
3.3V
X
10
X
X
Standby Current
Power-down Mode
(Deep Sleep Mode)
VLDO =1.6 V
IPWD1
15
A
VDD
HXT/HIRC
PLL
LXT (kHz)
RTC
RAM
retension
5.5V
X
X
X
V
IPWD2
15
A
5.5V
X
X
X
V
IPWD3
17
A
3.3V
X
32.768
V
V
IPWD4
17
A
3.3V
X
32.768
V
V
RTC Operating
Current
IVBAT
1.6
A
VBAT= 3.0V, RTC enabled
Input Current PA,
PB, PC, PD, PE, PF
(Quasi-bidirectional
mode)
IIN1
-50
-60
A
VDD = 5.5V, VIN = 0V or VIN=VDD
Input Current at
/RESET
[1]
IIN2
-55
-45
-30
A
VDD = 3.3V, VIN = 0.45V
Input Leakage
Current PA, PB, PC,
PD, PE, PF
ILK
-2
-
+2
A
VDD = 5.5V, 0<VIN<VDD
Logic 1 to 0
Transition Current
PA~PF (Quasi-
bidirectional mode)
ITL
[3]
-650
-
-200
A
VDD = 5.5V, VIN<2.0V
Input Low Voltage
PA, PB, PC, PD, PE,
PF (TTL input)
VIL1
-0.3
-
0.8
V
VDD = 4.5V
-0.3
-
0.6
VDD = 2.5V
Input High Voltage
PA, PB, PC, PD, PE,
PF (TTL input)
VIH1
2.0
-
VDD
+0.2
V
VDD = 5.5V
1.5
-
VDD
+0.2
VDD =3.0V
Input Low Voltage
PA, PB, PC, PD, PE,
PF (Schmitt input)
VIL2
-0.3
-
0.3VDD
V
Input High Voltage
PA, PB, PC, PD, PE,
PF (Schmitt input)
VIH2
0.7VDD
-
VDD
+0.2
V


Numéro de pièce similaire - NUC130-LC2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC130-LC2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com