Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-LC2C Fiches technique(PDF) 78 Page - Nuvoton Technology Corporation

No de pièce NUC130-LC2C
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-LC2C Fiches technique(HTML) 78 Page - Nuvoton Technology Corporation

Back Button NUC130-LC2C Datasheet HTML 74Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 75Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 76Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 77Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 78Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 79Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 80Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 81Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 82Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 78 of 97
Revision 1.01
6.20 Controller Area Network (CAN)
6.20.1 Overview
The C_CAN consists of the CAN Core, Message RAM, Message Handler, Control Registers and
Module Interface (Refer 錯誤! 找不到參照來源。). The CAN Core performs communication
according to the CAN protocol version 2.0 part A and B. The bit rate can be programmed to
values up to 1MBit/s. For the connection to the physical layer, additional transceiver hardware is
required.
For communication on a CAN network, individual Message Objects are configured. The Message
Objects and Identifier Masks for acceptance filtering of received messages are stored in the
Message RAM. All functions concerning the handling of messages are implemented in the
Message Handler. These functions include acceptance filtering, the transfer of messages
between the CAN Core and the Message RAM, and the handling of transmission requests as well
as the generation of the module interrupt.
The register set of the C_CAN can be accessed directly by the software through the module
interface. These registers are used to control/configure the CAN Core and the Message Handler
and to access the Message RAM.
6.20.2 Features
Supports CAN protocol version 2.0 part A and B.
Bit rates up to 1 MBit/s.
32 Message Objects.
Each Message Object has its own identifier mask.
Programmable FIFO mode (concatenation of Message Objects).
Maskable interrupt.
Disabled Automatic Re-transmission mode for Time Triggered CAN applications.
Programmable loop-back mode for self-test operation.
16-bit module interfaces to the AMBA APB bus.
Supports wake-up function
6.21 Analog-to-Digital Converter (ADC)
6.21.1 Overview
The NuMicro
 NUC230/240 series contains one 12-bit successive approximation analog-to-
digital converters (SAR A/D converter) with 8 input channels. The A/D converter supports three
operation modes: single, single-cycle scan and continuous scan mode. The A/D converter can be
started by software, PWM Center-aligned trigger and external STADC pin.
6.21.2 Features
Analog input voltage range: 0~VREF
12-bit resolution and 10-bit accuracy is guaranteed
Up to 8 single-end analog input channels or 4 differential analog input channels


Numéro de pièce similaire - NUC130-LC2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC130-LC2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com