Moteur de recherche de fiches techniques de composants électroniques |
|
NUC130-LC2C Fiches technique(PDF) 76 Page - Nuvoton Technology Corporation |
|
NUC130-LC2C Fiches technique(HTML) 76 Page - Nuvoton Technology Corporation |
76 / 97 page NuMicro NUC230/240 Datasheet Dec. 30, 2014 Page 76 of 97 Revision 1.01 6.17.2 Features Up to four sets of SPI controllers Supports Master or Slave mode operation Supports 2-bit Transfer mode Supports Dual I/O Transfer mode Configurable bit length of a transaction word from 8 to 32 bits Provides separate 8-layer depth transmit and receive FIFO buffers Supports MSB first or LSB first transfer sequence Two slave select lines in Master mode Supports the Byte Reorder function Supports Byte or Word Suspend mode Variable output bus clock frequency in Master mode Supports PDMA transfer Supports 3-wire, no slave select signal, bi-direction interface 6.18 I 2S Controller (I2S) 6.18.1 Overview The I 2S controller consists of I 2S protocol to interface with external audio CODEC. Two 8-word depth FIFO for reading path and writing path respectively and is capable of handling 8-, 16-, 24- and 32-bit word sizes. PDMA controller handles the data movement between FIFO and memory. 6.18.2 Features Supports Master mode and Slave mode Capable of handling 8-, 16-, 24- and 32-bit word sizes Supports monaural and stereo audio data Supports I 2S and MSB justified data format Provides two 8-word FIFO data buffers, one for transmitting and the other for receiving Supports PDMA transfer |
Numéro de pièce similaire - NUC130-LC2C |
|
Description similaire - NUC130-LC2C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |