Moteur de recherche de fiches techniques de composants électroniques |
|
NUC130-LC2C Fiches technique(PDF) 73 Page - Nuvoton Technology Corporation |
|
NUC130-LC2C Fiches technique(HTML) 73 Page - Nuvoton Technology Corporation |
73 / 97 page NuMicro NUC230/240 Datasheet Dec. 30, 2014 Page 73 of 97 Revision 1.01 6.14 Smart Card Host Interface (SC) 6.14.1 Overview The Smart Card Interface controller (SC controller) is based on ISO/IEC 7816-3 standard and fully compliant with PC/SC Specifications. It also provides status of card insertion/removal. It also support UART mode for full duplex asynchronous communications. 6.14.2 Features Supports up to three ISO7816-3 ports (SC0, SC1 and SC2) - ISO7816-3 T=0, T=1 compliant - EMV2000 compliant - Separates receive/ transmit 4 byte entry FIFO for data payloads. - Programmable transmission clock frequency. - Programmable receiver buffer trigger level. - Programmable guard time selection (11 ETU ~ 267 ETU). - A 24-bit and two 8-bit times for Answer to Request (ATR) and waiting times processing. - Supports auto inverse convention function. - Supports transmitter and receiver error retry and error number limiting function. - Supports hardware activation sequence, hardware warm reset sequence and hardware deactivation sequence process. - Supports hardware auto deactivation sequence when detecting the card removal. Supports up to three UART ports (UART3, UART4, UART5) - Full duplex, asynchronous communications. - Programmable data bit length, 5-, 6-, 7-, 8-bit character. - Separates receiving / transmitting 4 bytes entry FIFO for data payloads. - Supports programmable baud rate generator for each channel. - Supports programmable receiver buffer trigger level. - Programmable transmitting data delay time between the last stop bit leaving the TX-FIFO and the de-assertion by setting SCx_EGTR [EGT] register. - Programmable even, odd or no parity bit generation and detection. - Programmable stop bit, 1 or 2 stop bit generation. |
Numéro de pièce similaire - NUC130-LC2C |
|
Description similaire - NUC130-LC2C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |