Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-LC2C Fiches technique(PDF) 37 Page - Nuvoton Technology Corporation

No de pièce NUC130-LC2C
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-LC2C Fiches technique(HTML) 37 Page - Nuvoton Technology Corporation

Back Button NUC130-LC2C Datasheet HTML 33Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 34Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 35Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 36Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 37Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 38Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 39Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 40Page - Nuvoton Technology Corporation NUC130-LC2C Datasheet HTML 41Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 37 of 97
Revision 1.01
Pin No.
Pin Name
Pin
Type
Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
TM2_EXT
I
Timer2 external capture input pin.
TM2
O
Timer2 toggle output pin.
ACMP0_O
O
Comparator0 output pin.
35
24
PB.3
I/O
General purpose digital I/O pin.
UART0_nCTS
I
Clear to Send input pin for UART0.
nWRH
O
EBI high byte write enable output pin
TM3_EXT
I
Timer3 external capture input pin.
TM3
O
Timer3 toggle output pin.
SC2_CD
I
SmartCard2 card detect pin.
36
25
19
PD.6
I/O
General purpose digital I/O pin.
CAN0_RXD
I
Data receiver input pin for CAN0.
37
26
20
PD.7
I/O
General purpose digital I/O pin.
CAN0_TXD
O
Data transmitter output pin for CAN0.
38
27
PD.14
I/O
General purpose digital I/O pin.
UART2_RXD
I
Data receiver input pin for UART2.
CAN1_RXD
I
Data receiver input pin for CAN1.
39
28
PD.15
I/O
General purpose digital I/O pin.
UART2_TXD
O
Data transmitter output pin for UART2.
CAN1_TXD
O
Data transmitter output pin for CAN1.
40
PC.5
I/O
General purpose digital I/O pin.
SPI0_MOSI1
I/O
2
nd SPI0 MOSI (Master Out, Slave In) pin.
41
PC.4
I/O
General purpose digital I/O pin.
SPI0_MISO1
I/O
2
nd SPI0 MISO (Master In, Slave Out) pin.
42
29
21
PC.3
I/O
General purpose digital I/O pin.
SPI0_MOSI0
I/O
1
st SPI0 MOSI (Master Out, Slave In) pin.
I2S_DO
O
I
2S data output.
43
30
22
PC.2
I/O
General purpose digital I/O pin.
SPI0_MISO0
I/O
1
st SPI0 MISO (Master In, Slave Out) pin.
I2S_DI
I
I
2S data input.
44
31
23
PC.1
I/O
General purpose digital I/O pin.
SPI0_CLK
I/O
SPI0 serial clock pin.
I2S_BCLK
I/O
I
2S bit clock pin.


Numéro de pièce similaire - NUC130-LC2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC130-LC2C NUVOTON-NUC130-LC2C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC130-LC2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com