Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-RA2N Fiches technique(PDF) 47 Page - Nuvoton Technology Corporation

No de pièce NUC140-RA2N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-RA2N Fiches technique(HTML) 47 Page - Nuvoton Technology Corporation

Back Button NUC140-RA2N Datasheet HTML 43Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 44Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 45Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 46Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 47Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 48Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 49Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 50Page - Nuvoton Technology Corporation NUC140-RA2N Datasheet HTML 51Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 47 -
Revision V2.03
imer (WDT)
5.11
ows the timing of watchdog interrupt signal
and reset signal.
Setting WTE (WDTCR [7]) enables the watchdog timer and the WDT counter starts counting up.
ter reaches the selected time-out interval, Watchdog timer interrupt flag WTIF will
nable bit WTIE is
WDT
event. User must
high to reset the 18-bit WDT counter to avoid chip
T
(TRST)
ared
e reset source. WDT also
is waken up from power down state. First example, if
WTIS is set as 000, the specific time interval for chip to wake up from power down state is 2
4 *
TWDT. When power down command is set by software, then, chip enters power down state. After
2
4 * T
WDT time is elapsed, chip is waken up from power down state. Second example, if WTIS
(WDTCR [10:8]) is set as 111, the specific time interval for chip to wake up from power down
state is 2
18 * T
WDT. If power down command is set by software, then, chip enters power down
state. After 2
18 * T
WDT time is elapsed, chip is waken up from power down state. Notice if WTRE
(WDTCR [1]) is set to 1, after chip is waken up, software should clear the Watchdog Timer
counter by setting WTR(WDTCR [0]) to 1 as soon as possible. Otherwise, if the Watchdog Timer
counter is not cleared by setting WTR (WDTCR [0]) to 1 before time starting from waking up to
software clearing Watchdog Timer counter is over 1024 * TWDT , the chip is reset by Watchdog
Timer.
5.11 Watchdog T
.1 Overview
The purpose of Watchdog Timer is to perform a system reset when system runs into an unknown
state. This prevents system from hanging for an infinite period of time. Besides, this Watchdog
Timer supports another function to wake-up chip from power down mode. The watchdog timer
includes an 18-bit free running counter with programmable time-out intervals. Table 5-5 show the
watchdog timeout interval selection and Figure 5-64 sh
When the coun
be set immediately to request a WDT interrupt if the watchdog timer interrupt e
4 * T
) follows the time-out
set, in the meanwhile, a specified delay time (102
set WTR (WDTCR [0]) (Watchdog timer reset)
from Watchdog timer reset before the delay time expires. WTR bit is cleared automatically by
hardware after WDT counter is reset. There are eight time-out intervals with specific delay time
which are selected by Watchdog timer interval select bits WTIS (WDTCR [10:8]). If the WD
counter has not been cleared after the specific delay time expires, the watchdog timer will set
Watchdog Timer Reset Flag (WTRF) high and reset chip. This reset will last 63 WDT clocks
then chip restarts executing program from reset vector (0x0000_0000). WTRF will not be cle
by Watchdog reset. User may poll WTRF by software to recognize th
provides wake-up function. When chip is powered down and the Watchdog Timer Wake-up
Function Enable bit (WDTR[4]) is set, if the WDT counter reaches the specific time interval
defined by WTIS (WDTCR [10:8]) , the chip
WTIS
Timeout Interval
Selection
TTIS
Interrupt Period
TINT
WTR Timeout Interval
(WDT_CLK=10 kHz)
Min. TWTR ~ Max. TWTR
000
2
4 * TWDT
1024 * TWDT
1.6 ms ~ 104 ms
001
2
6 * TWDT
1024 * TWDT
6.4 ms ~ 108.8 ms
010
2
8 * TWDT
1024 * TWDT
25.6 ms ~ 128 ms
011
2
10 * TWDT
1024 * TWDT
102.4 ms ~ 204.8 ms
100
2
12 * TWDT
1024 * TWDT
409.6 ms ~ 512 ms
101
2
14 * TWDT
1024 * TWDT
1.6384 s ~ 1.7408 s
110
2
16 * TWDT
1024 * TWDT
6.5536 s ~ 6.656 s
111
2
18 * TWDT
1024 * TWDT
26.2144 s ~ 26.3168 s
Table 5-5 Watchdog Timeout Interval Selection


Numéro de pièce similaire - NUC140-RA2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-RA2N NUVOTON-NUC140-RA2N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC140-RA2N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com