Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-VE3E Fiches technique(PDF) 9 Page - Nuvoton Technology Corporation

No de pièce NUC130-VE3E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-VE3E Fiches technique(HTML) 9 Page - Nuvoton Technology Corporation

Back Button NUC130-VE3E Datasheet HTML 5Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 6Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 7Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 8Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 9Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 10Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 11Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 12Page - Nuvoton Technology Corporation NUC130-VE3E Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 9 of 97
Revision 1.01
2
FEATURES
The equipped features are dependent on the product line and their sub products.
2.1 NuMicro
 NUC230 Features – Automotive Line
 ARM®
Cortex™-M0 core
Runs up to 72 MHz
One 24-bit system timer
Supports low power sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Serial Wire Debug supports with 2 watchpoints/4 breakpoints
 Built-in LDO for wide operating voltage ranged from 2.5 V to 5.5 V
 Flash Memory
32K/64K/128K bytes Flash for program code
8 KB flash for ISP loader
Supports In-System-Program (ISP) and In-Application-Program (IAP) application code
update
512 byte page erase for flash
Configurable Data Flash address and size for 128 KB system, fixed 4 KB Data Flash for the
32 KB and 64 KB system
Supports 2-wired ICP update through SWD/ICE interface
Supports fast parallel programming mode by external programmer
 SRAM Memory
8K/16K bytes embedded SRAM
Supports PDMA mode
 PDMA (Peripheral DMA)
Supports 9 channels PDMA for automatic data transfer between SRAM and peripherals
Supports CRC calculation with four common polynomials, CRC-CCITT, CRC-8, CRC-16 and
CRC-32
 Clock Control
Flexible selection for different applications
Built-in 22.1184 MHz high speed oscillator for system operation
 Trimmed to ±1 % at +25 ℃ and V
DD = 5 V
 Trimmed to ±3 % at -40 ℃ ~ +105 ℃ and V
DD = 2.5 V ~ 5.5 V
Built-in 10 kHz low speed oscillator for Watchdog Timer and Wake-up operation
Supports one PLL, up to 72 MHz, for high performance system operation
External 4~24 MHz high speed crystal input for precise timing operation
External 32.768 kHz low speed crystal input for RTC function and low power system
operation
 GPIO
Four I/O modes:
 Quasi-bidirectional
 Push-pull output
 Open-drain output
 Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin configured as interrupt source with edge/level setting
 Timer
Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter
Independent clock source for each timer
Provides one-shot, periodic, toggle and continuous counting operation modes
Supports event counting function
Supports input capture function
 Watchdog Timer
Multiple clock sources


Numéro de pièce similaire - NUC130-VE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-VE3E NUVOTON-NUC130-VE3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-VE3E NUVOTON-NUC130-VE3E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC130-VE3E NUVOTON-NUC130-VE3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC130-VE3E NUVOTON-NUC130-VE3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC130-VE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com