Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC220-LE1N Fiches technique(PDF) 93 Page - Nuvoton Technology Corporation

No de pièce NUC220-LE1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC220-LE1N Fiches technique(HTML) 93 Page - Nuvoton Technology Corporation

Back Button NUC220-LE1N Datasheet HTML 89Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 90Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 91Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 92Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 93Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 94Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 95Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 96Page - Nuvoton Technology Corporation NUC220-LE1N Datasheet HTML 97Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 93 of 107
Rev 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Idle Mode
at 10 kHz
5.5V
10 kHz
X
V
IIDLE14
118
A
5.5V
10 kHz
X
X
IIDLE15
122
A
3.3V
10 kHz
X
V
IIDLE16
118
A
3.3V
10 kHz
X
X
Standby Current
Power-down Mode
(Deep Sleep Mode)
IPWD1
15
A
VDD
RTC
BOD function
5.5V
X
X
IPWD2
15
A
5.5V
X
X
IPWD3
17
A
3.3V
X
X
IPWD4
17
A
3.3V
X
X
Input Current PA, PB, PC,
PD, PE, PF (Quasi-
bidirectional mode)
IIN1
-50
-60
A VDD = 5.5V, VIN = 0V or VIN=VDD
Input Current at /RESET
[1]
IIN2
-55
-45
-30
A VDD = 3.3V, VIN = 0.45V
Input Leakage Current PA,
PB, PC, PD, PE, PF
ILK
-2
-
+2
A VDD = 5.5V, 0<VIN<VDD
Logic 1 to 0 Transition Current
PA~PF (Quasi-bidirectional
mode)
ITL
[3]
-650
-
-200
A VDD = 5.5V, VIN<2.0V
Input Low Voltage PA, PB,
PC, PD, PE, PF (TTL input)
VIL1
-0.3
-
0.8
V
VDD = 4.5V
-0.3
-
0.6
VDD = 2.5V
Input High Voltage PA, PB,
PC, PD, PE, PF (TTL input)
VIH1
2.0
-
VDD
+0.2
V
VDD = 5.5V
1.5
-
VDD
+0.2
VDD =3.0V
Input Low Voltage PA, PB,
PC, PD, PE, PF (Schmitt
input)
VIL2
-0.3
-
0.3VDD
V
Input High Voltage PA, PB,
PC, PD, PE, PF (Schmitt
input)
VIH2
0.7VDD
-
VDD
+0.2
V
Hysteresis voltage of PA, PB,
PC, PD,PE, PF (Schmitt
input)
VHY
0.2VDD
V
Input Low Voltage XT1_IN
[*2]
VIL3
0
-
0.8
V
VDD = 4.5V
0
-
0.4
VDD = 3.0V
Input High Voltage XT1_IN
[*2]
VIH3
3.5
-
VDD
+0.2
V
VDD = 5.5V
2.4
-
VDD
+0.2
VDD = 3.0V


Numéro de pièce similaire - NUC220-LE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC220-LE1N NUVOTON-NUC220-LE1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC220-LE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com