Moteur de recherche de fiches techniques de composants électroniques |
|
NUC220-LE1N Fiches technique(PDF) 8 Page - Nuvoton Technology Corporation |
|
NUC220-LE1N Fiches technique(HTML) 8 Page - Nuvoton Technology Corporation |
8 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 8 of 107 Rev 1.01 1 GENERAL DESCRIPTION The NuMicro ® NUC100 series 32-bit microcontroller (MCU) is embedded with the ARM® Cortex® - M0 core with the cost equivalent to traditional 8-bit MCU. The NUC100 series can be used in consumer electronics, industrial control and applications which requiring rich communication interfaces such as industrial automation, alarm system, energy system and power system. The NuMicro ® NUC100 Advanced Line and NUC120 USB Line are embedded with the Cortex® - M0 core running up to 50 MHz and features 32/64/128 Kbytes Flash, 4/8/16 Kbytes embedded SRAM and 4 Kbytes loader ROM for the ISP. It operates at a wide voltage range of 2.5V ~ 5.5V and temperature range of -40℃ ~ +85℃. The NUC100 series is also provided with plenty of peripheral devices, such as Timers, Watchdog Timer, Window Watchdog Timer, RTC, PDMA with CRC calculation unit, UART, SPI, I 2C, I2S, PWM Timer, GPIO, PS/2, EBI, Smart Card Host, 12-bit ADC, Analog Comparator, Low Voltage Reset Controller and Brown-out Detector. Additionally, the NUC120 USB Line is equipped with a USB 2.0 Full-speed Device. These peripherals have been incorporated into the NUC100 series to reduce component count, board space and system cost. The NUC100 series is equipped with ISP (In-System Programming), IAP (In-Application- Programming) and ICP (In-Circuit Programming) functions, which allows the user to update the program under software control through the on-chip connectivity interface, such as SWD, UART and USB. Product Line UART SPI I 2C USB PS/2 I 2S SC NUC100xxxDN 3 4 2 - 1 1 3 NUC120xxxDN 3 4 2 1 1 1 3 Table 1-1 NuMicro ® NUC100 Series Connectivity Support Table |
Numéro de pièce similaire - NUC220-LE1N |
|
Description similaire - NUC220-LE1N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |