Moteur de recherche de fiches techniques de composants électroniques |
|
NUC220-LE1N Fiches technique(PDF) 63 Page - Nuvoton Technology Corporation |
|
NUC220-LE1N Fiches technique(HTML) 63 Page - Nuvoton Technology Corporation |
63 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 63 of 107 Rev 1.01 6.3.3 System Clock and SysTick Clock The system clock has 5 clock sources which were generated from clock generator block. The clock source switch depends on the register HCLK_S (CLKSEL0[2:0]). The block diagram is shown in Figure 6-12. 111 011 010 001 PLLFOUT 32.768 kHz 4~24 MHz 10 kHz HCLK_S (CLKSEL0[2:0]) 22.1184 MHz 000 1/(HCLK_N+1) HCLK_N (CLKDIV[3:0]) CPU in Power Down Mode CPU AHB APB CPUCLK HCLK PCLK Note: Before clock switching, both the pre-selected and newly selected clock sources must be turned on and stable. Figure 6-12 System Clock Block Diagram The clock source of SysTick in Cortex ® -M0 core can use CPU clock or external clock (SYST_CSR[2]). If using external clock, the SysTick clock (STCLK) has 5 clock sources. The clock source switch depends on the setting of the register STCLK_S (CLKSEL0[5:3]). The block diagram is shown in Figure 6-13. 111 011 010 001 4~24 MHz 32.768 kHz 4~24 MHz HCLK STCLK_S (CLKSEL0[5:3]) STCLK 22.1184 MHz 000 1/2 1/2 1/2 Note: Before clock switching, both the pre-selected and newly selected clock sources must be turned on and stable. Figure 6-13 SysTick Clock Control Block Diagram |
Numéro de pièce similaire - NUC220-LE1N |
|
Description similaire - NUC220-LE1N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |