Moteur de recherche de fiches techniques de composants électroniques |
|
NUC220-LE1N Fiches technique(PDF) 45 Page - Nuvoton Technology Corporation |
|
NUC220-LE1N Fiches technique(HTML) 45 Page - Nuvoton Technology Corporation |
45 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 45 of 107 Rev 1.01 System Manager 6.2 6.2.1 Overview The system manager provides the functions of system control, power modes, wake-up sources, reset sources, system memory map, product ID and multi-function pin control. The following sections describe the functions for System Reset System Power Architecture System Memory Map System management registers for Part Number ID, chip reset and on-chip controllers reset, and multi-functional pin control System Timer (SysTick) Nested Vectored Interrupt Controller (NVIC) System Control registers 6.2.2 System Reset The system reset can be issued by one of the events listed below. These reset event flags can be read from RSTSRC register to determine the reset source. Hardware reset can reset chip through peripheral reset signals. Software reset can trigger reset through control registers. Hardware Reset Sources – Power-on Reset (POR) – Low level on the nRESET pin – Watchdog Time-out Reset and Window Watchdog Reset (WDT/WWDT Reset) – Low Voltage Reset (LVR) – Brown-out Detector Reset (BOD Reset) Software Reset Sources – CHIP Reset will reset whole chip by writing 1 to CHIP_RST (IPRSTC1[0]) – MCU Reset to reboot but keeping the booting setting from APROM or LDROM by writing 1 to SYSRESETREQ (AIRCR[2]) – CPU Reset for Cortex ® -M0 core Only by writing 1 to CPU_RST (IPRSTC1[1]) Power-on Reset or CHIP_RST (IPRSTC1[0]) reset the whole chip including all peripherals, external crystal circuit and BS (ISPCON[1]) bit. SYSRESETREQ (AIRCR[2]) reset the whole chip including all peripherals, but does not reset external crystal circuit and BS (ISPCON[1]) bit. |
Numéro de pièce similaire - NUC220-LE1N |
|
Description similaire - NUC220-LE1N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |