Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC200-LE1N Fiches technique(PDF) 76 Page - Nuvoton Technology Corporation

No de pièce NUC200-LE1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC200-LE1N Fiches technique(HTML) 76 Page - Nuvoton Technology Corporation

Back Button NUC200-LE1N Datasheet HTML 72Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 73Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 74Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 75Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 76Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 77Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 78Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 79Page - Nuvoton Technology Corporation NUC200-LE1N Datasheet HTML 80Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 76 of 107
Rev 1.01
UART Interface Controller (UART)
6.14
The NuMicro
®
NUC100 series provides up to three channels of Universal Asynchronous
Receiver/Transmitters (UART). UART0 supports High Speed UART and UART1~2 perform
Normal Speed UART. Besides, only UART0 and UART1 support the flow control function.
6.14.1
Overview
The
Universal
Asynchronous
Receiver/Transmitter
(UART)
performs
a
serial-to-parallel
conversion on data received from the peripheral, and a parallel-to-serial conversion on data
transmitted from the CPU. The UART controller also supports IrDA SIR, LIN master/slave mode
and RS-485 mode functions. Each UART channel supports seven types of interrupts including:
Transmitter FIFO empty interrupt (INT_THRE)
Receiver threshold level reached interrupt (INT_RDA),
Line status interrupt (parity error or frame error or break interrupt) (INT_RLS),
Receiver buffer time-out interrupt (INT_TOUT),
MODEM/Wake-up status interrupt (INT_MODEM),
Buffer error interrupt (INT_BUF_ERR)
LIN interrupt (INT_LIN)
Interrupts of UART0 and UART2 share the interrupt number 12 (vector number is 28); Interrupt
number 13 (vector number is 29) only supports UART1 interrupt. Refer to the Nested Vectored
Interrupt Controller chapter for System Interrupt Map.
The UART0 is built-in with a 64-byte transmitter FIFO (TX_FIFO) and a 64-byte receiver FIFO
(RX_FIFO) that reduces the number of interrupts presented to the CPU. The UART1~2 are
equipped with 16-byte transmitter FIFO (TX_FIFO) and 16-byte receiver FIFO (RX_FIFO). The
CPU can read the status of the UART at any time during the operation. The reported status
information includes the type and condition of the transfer operations being performed by the
UART, as well as 4 error conditions (parity error, frame error, break interrupt and buffer error)
probably occur while receiving data. The UART includes a programmable baud rate generator
that is capable of dividing clock input by divisors to produce the serial clock that transmitter and
receiver need. The baud rate equation is Baud Rate = UART_CLK / M * [BRD + 2], where M and
BRD are defined in Baud Rate Divider Register (UA_BAUD). Table 6-6 lists the equations in the
various conditions and Table 6-7 lists the UART baud rate setting table.
Mode
DIV_X_EN
DIV_X_ONE
Divider X
BRD
Baud Rate Equation
0
0
0
Don’t care
A
UART_CLK / [16 * (A+2)]
1
1
0
B
A
UART_CLK / [(B+1) * (A+2)] , B must >= 8
2
1
1
Don’t care
A
UART_CLK / (A+2), A must >=3
Table 6-6 UART Baud Rate Equation
System Clock = Internal 22.1184 MHz High Speed Oscillator
Baud Rate
Mode 0
Mode 1
Mode 2
Parameter
Register
Parameter
Register
Parameter
Register
921600
x
x
A=0,B=11
0x2B00_0000
A=22
0x3000_0016


Numéro de pièce similaire - NUC200-LE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC200-LE1N NUVOTON-NUC200-LE1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC200-LE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com