Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-VD3E Fiches technique(PDF) 54 Page - Nuvoton Technology Corporation

No de pièce NUC140-VD3E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-VD3E Fiches technique(HTML) 54 Page - Nuvoton Technology Corporation

Back Button NUC140-VD3E Datasheet HTML 50Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 51Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 52Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 53Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 54Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 55Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 56Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 57Page - Nuvoton Technology Corporation NUC140-VD3E Datasheet HTML 58Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 54 of 97
Revision 1.01
6.2.6.1 Exception Model and System Interrupt Map
The following table lists the exception model supported by NuMicro
 NUC230/240 series.
Software can set four levels of priority on some of these exceptions as well as on all interrupts.
The highest user-
configurable priority is denoted as “0” and the lowest priority is denoted as “3”.
The default priority of all the user-
configurable interrupts is “0”. Note that priority “0” is treated as
the fourth priority on the system, after three system exceptions “Reset”, “NMI” and “Hard Fault”.
Exception Name
Vector Number
Priority
Reset
1
-3
NMI
2
-2
Hard Fault
3
-1
Reserved
4 ~ 10
Reserved
SVCall
11
Configurable
Reserved
12 ~ 13
Reserved
PendSV
14
Configurable
SysTick
15
Configurable
Interrupt (IRQ0 ~ IRQ31)
16 ~ 47
Configurable
Table 6-2 Exception Model
Vector
Number
Interrupt Number
(Bit In Interrupt
Registers)
Interrupt Name
Source
Module
Interrupt Description
1 ~ 15
-
-
-
System exceptions
16
0
BOD_INT
Brown-out
Brown-out low voltage detected interrupt
17
1
WDT_INT
WDT
Watchdog Timer interrupt
18
2
EINT0
GPIO
External signal interrupt from PB.14 pin
19
3
EINT1
GPIO
External signal interrupt from PB.15 pin
20
4
GPAB_INT
GPIO
External signal interrupt from PA[15:0]/PB[13:0]
21
5
GPCDEF_INT
GPIO
External interrupt from PC[15:0]/PD[15:0]/PE[15:0]/PF[3:0]
22
6
PWMA_INT
PWM0~3
PWM0, PWM1, PWM2 and PWM3 interrupt
23
7
PWMB_INT
PWM4~7
PWM4, PWM5, PWM6 and PWM7 interrupt
24
8
TMR0_INT
TMR0
Timer 0 interrupt
25
9
TMR1_INT
TMR1
Timer 1 interrupt
26
10
TMR2_INT
TMR2
Timer 2 interrupt
27
11
TMR3_INT
TMR3
Timer 3 interrupt
28
12
UART02_INT
UART0/2
UART0 and UART2 interrupt
29
13
UART1_INT
UART1
UART1 interrupt
30
14
SPI0_INT
SPI0
SPI0 interrupt


Numéro de pièce similaire - NUC140-VD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-VD3E NUVOTON-NUC140-VD3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-VD3E NUVOTON-NUC140-VD3E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-VD3E NUVOTON-NUC140-VD3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC140-VD3E NUVOTON-NUC140-VD3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-VD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com