Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC130-SD3E Datasheet(Fiches technique) 16 Page - Nuvoton Technology Corporation

Numéro de pièce NUC130-SD3E
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 16 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 16 of 97
Revision 1.01
Provides remote wake-up capability
 ADC
12-bit SAR ADC with 1 MSPS(chip working at 5V)
Up to 8-ch single-end input or 4-ch differential input
Single scan/single cycle scan/continuous scan
Each channel with individual result register
Scan on enabled channels
Threshold voltage detection
Conversion started by software programming, external input or PWM Center-aligned trigger
Supports PDMA mode
 Analog Comparator
Up to two analog comparators
External input or internal Band-gap voltage selectable at negative node
Interrupt when compare result change
Supports Power-down wake-up
 EBI (External bus interface)
Accessible space: 64 KB in 8-bit mode or 128 KB in 16-bit mode
Supports 8-/16-bit data width
Supports byte write in 16-bit data width mode
 96-bit unique ID (UID)
 128-bit unique customer ID(UCID)
 One built-in temperature sensor with 1℃ resolution
 Brown-out Detector
With 4 levels: 4.4 V/3.7 V/2.7 V/2.2 V
Supports Brown-out Interrupt and Reset option
 Low Voltage Reset
Threshold voltage level: 2.0 V
 Operating Temperature: -40℃ ~ 105℃
 Packages:
All Green package (RoHS)
LQFP 100-pin / 64-pin / 48-pin




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl