Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-SD3E Fiches technique(PDF) 76 Page - Nuvoton Technology Corporation

No de pièce NUC130-SD3E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-SD3E Fiches technique(HTML) 76 Page - Nuvoton Technology Corporation

Back Button NUC130-SD3E Datasheet HTML 72Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 73Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 74Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 75Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 76Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 77Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 78Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 79Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 80Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 76 of 97
Revision 1.01
6.17.2 Features
Up to four sets of SPI controllers
Supports Master or Slave mode operation
Supports 2-bit Transfer mode
Supports Dual I/O Transfer mode
Configurable bit length of a transaction word from 8 to 32 bits
Provides separate 8-layer depth transmit and receive FIFO buffers
Supports MSB first or LSB first transfer sequence
Two slave select lines in Master mode
Supports the Byte Reorder function
Supports Byte or Word Suspend mode
Variable output bus clock frequency in Master mode
Supports PDMA transfer
Supports 3-wire, no slave select signal, bi-direction interface
6.18 I
2S Controller (I2S)
6.18.1 Overview
The I
2S controller consists of I
2S protocol to interface with external audio CODEC. Two 8-word
depth FIFO for reading path and writing path respectively and is capable of handling 8-, 16-, 24-
and 32-bit word sizes. PDMA controller handles the data movement between FIFO and memory.
6.18.2 Features
Supports Master mode and Slave mode
Capable of handling 8-, 16-, 24- and 32-bit word sizes
Supports monaural and stereo audio data
Supports I
2S and MSB justified data format
Provides two 8-word FIFO data buffers, one for transmitting and the other for
receiving
Supports PDMA transfer


Numéro de pièce similaire - NUC130-SD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-SD3E NUVOTON-NUC130-SD3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-SD3E NUVOTON-NUC130-SD3E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC130-SD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com