Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC130-SD3E Datasheet(Fiches technique) 63 Page - Nuvoton Technology Corporation

Numéro de pièce NUC130-SD3E
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 63 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 63 of 97
Revision 1.01
6.4 Flash Memory Controller (FMC)
6.4.1 Overview
The NuMicro
 NUC230/240 series has 128/64/32K bytes on-chip embedded Flash for application
program memory (APROM) that can be updated through ISP procedure. The In-System-
Programming (ISP) function enables user to update program memory when chip is soldered on
PCB. After chip is powered on,
Cortex™-M0 CPU fetches code from APROM or LDROM decided
by boot select (CBS) in CONFIG0. By the way, the NuMicro
 NUC230/240 series also provides
additional Data Flash for user to store some application dependent data. For 128K bytes APROM
device, the Data Flash is shared with original 128K program memory and its start address is
configurable in CONFIG1. For 64K/32K bytes APROM device, the Data Flash is fixed at 4KB.
6.4.2 Features
Runs up to 50 MHz with zero wait cycle for continuous address read access and runs
up to 72MHz with one wait cycle for continuous address read.
All embedded flash memory supports 512 bytes page erase
128/64/32 KB application program memory (APROM)
8KB In-System-Programming (ISP) loader program memory (LDROM)
4KB Data Flash for 64/32 KB APROM device
Configurable Data Flash size for 128KB APROM device
Configurable or fixed 4 KB Data Flash with 512 bytes page erase unit
Supports In-Application-Programming (IAP) to switch code between APROM and
LDROM without reset
In-System-Programming (ISP) to update on-chip Flash




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl