Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC130-SD3E Datasheet(Fiches technique) 31 Page - Nuvoton Technology Corporation

Numéro de pièce NUC130-SD3E
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 31 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 31 of 97
Revision 1.01
Pin No.
Pin Name
Pin
Type
Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
SPI1_CLK
I/O
SPI1 serial clock pin.
61
36
PC.8
I/O
General purpose digital I/O pin.
MCLK
O
EBI clock output
SPI1_SS0
I/O
1
st SPI1 slave select pin.
62
37
25
PA.15
I/O
General purpose digital I/O pin.
PWM3
I/O
PWM output/Capture input.
I2S_MCLK
O
I
2S master clock output pin.
SC2_PWR
O
SmartCard2 power pin.
63
38
26
PA.14
I/O
General purpose digital I/O pin.
PWM2
I/O
PWM2 output/Capture input.
SC2_RST
O
SmartCard2 reset pin.
AD15
I/O
EBI Address/Data bus bit15
64
39
27
PA.13
I/O
General purpose digital I/O pin.
PWM1
I/O
PWM1 output/Capture input.
SC2_CLK
O
SmartCard2 clock pin.
UART5_TXD
O
Data transmitter output pin for UART5.
AD14
I/O
EBI Address/Data bus bit14
65
40
28
PA.12
I/O
General purpose digital I/O pin.
PWM0
I/O
PWM0 output/Capture input.
SC2_DAT
O
SmartCard2 data pin.
UART5_RXD
I
Data receiver input pin for UART5.
AD13
I/O
EBI Address/Data bus bit13
66
41
29
ICE_DAT
I/O
Serial wire debugger data pin.
67
42
30
ICE_CLK
I
Serial wire debugger clock pin.
68
VDD
P
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
69
VSS
P
Ground pin for digital circuit.
70
43
31
AVSS
AP
Ground pin for analog circuit.
71
44
32
PA.0
I/O
General purpose digital I/O pin.
ADC0
AI
ADC0 analog input.
SC0_PWR
O
SmartCard0 power pin.
72
45
33
PA.1
I/O
General purpose digital I/O pin.
ADC1
AI
ADC1 analog input.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl