Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-YE1N Fiches technique(PDF) 51 Page - Nuvoton Technology Corporation

No de pièce NUC100-YE1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-YE1N Fiches technique(HTML) 51 Page - Nuvoton Technology Corporation

Back Button NUC100-YE1N Datasheet HTML 47Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 48Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 49Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 50Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 51Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 52Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 53Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 54Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 55Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 51 of 107
Rev 1.01
6.2.3
Power Modes and Wake-up Sources
There are several wake-up sources in Idle mode and Power-down mode. Table 6-2 lists the
available clocks for each power mode.
Power Mode
Normal Mode
Idle Mode
Power-down Mode
Definition
CPU is in active state
CPU is in sleep state
CPU is in sleep state
and all clocks stop
except LXT and LIRC.
SRAM content
retended.
Entry Condition
Chip is in normal
mode after system
reset released
CPU executes WFI
instruction.
CPU sets sleep mode
enable and power
down enable and
executes WFI
instruction.
Wake-up Sources
N/A
All interrupts
RTC, WDT, I²C,
Timer, UART, BOD,
USB and GPIO
Available Clocks
All
All except CPU clock
LXT and LIRC
After Wake-up
N/A
CPU back to normal
mode
CPU back to normal
mode
Table 6-2 Power Mode Difference Table
Normal Mode
CPU Clock ON
HXT, LXT, HIRC, LIRC, HCLK, PCLK ON
Flash ON
Power-down Mode
CPU Clock OFF
HXT,HIRC, HCLK, PCLK OFF
Flash Halt
System reset released
CPU executes WFI
Interrupts occur
Idle Mode
CPU Clock OFF
HXT, LXT, HIRC, LIRC, HCLK, PCLK ON
Flash Halt
1. SLEEPDEEP(SCR[2]) = 1
2. PWR_DOWN_EN (PWRCON[7]) = 1
PD_WAIT_CPU (PWRCON[8]) = 1
3. CPU executes WFI
Wake-up events
occur
LXT, LIRC ON
Figure 6-7 Power Mode State Machine
1. LXT (32 kHz XTL) ON or OFF depends on S/W setting in run mode.
2. LIRC (10 kHz OSC) ON or OFF depends on S/W setting in run mode.


Numéro de pièce similaire - NUC100-YE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-YE1N NUVOTON-NUC100-YE1N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC100-YE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com